Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1148 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADP1148
Descripción Electrónicos  High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1148 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1148_15 Datasheet HTML 2Page - Analog Devices ADP1148_15 Datasheet HTML 3Page - Analog Devices ADP1148_15 Datasheet HTML 4Page - Analog Devices ADP1148_15 Datasheet HTML 5Page - Analog Devices ADP1148_15 Datasheet HTML 6Page - Analog Devices ADP1148_15 Datasheet HTML 7Page - Analog Devices ADP1148_15 Datasheet HTML 8Page - Analog Devices ADP1148_15 Datasheet HTML 9Page - Analog Devices ADP1148_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
(VIN–VOUT) – V
12
12
468
10
1.8
1.6
0.0
0.8
0.6
0.4
0.2
1.4
1.0
1.2
0 C
25 C
70 C
Figure 12. Operating Frequency vs.
(VIN–VOUT)
TEMPERATURE – C
155
120
0
100
25
70
85
150
145
140
135
130
125
MAXIMUM THRESHOLD
Figure 15. Current Sense Threshold
Voltage
OPERATING FREQUENCY – kHz
30
0
20
50
260
80
110
140
170
200
230
25
20
15
10
5
Qn+Qp = 50nC
Qn+Qp = 100nC
Figure 13. Gate Charge Supply
Current
OUTPUT VOLTAGE – V
80
30
0
0.3 0.5
5.0
1.0 1.5 2.0 2.5 3.0 3.3 3.5 4.0 4.5
70
40
20
10
60
50
5V
3.3V
Figure 14. Off Time vs. VOUT
ADP1148, ADP1148-3.3, ADP1148-5–Typical Performance Characteristics
–6–
REV. A


Número de pieza similar - ADP1148_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1148-3.3 AD-ADP1148-3.3 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148-5 AD-ADP1148-5 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148AN AD-ADP1148AN Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148AN-33 AD-ADP1148AN-33 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
ADP1148AN-5 AD-ADP1148AN-5 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results

Descripción similar - ADP1148_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
logo
Analog Devices
ADP1148 AD-ADP1148 Datasheet
191Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
logo
Linear Technology
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com