Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1611 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADP1611
Descripción Electrónicos  20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1611 Datasheet(HTML) 5 Page - Analog Devices

  ADP1611_15 Datasheet HTML 1Page - Analog Devices ADP1611_15 Datasheet HTML 2Page - Analog Devices ADP1611_15 Datasheet HTML 3Page - Analog Devices ADP1611_15 Datasheet HTML 4Page - Analog Devices ADP1611_15 Datasheet HTML 5Page - Analog Devices ADP1611_15 Datasheet HTML 6Page - Analog Devices ADP1611_15 Datasheet HTML 7Page - Analog Devices ADP1611_15 Datasheet HTML 8Page - Analog Devices ADP1611_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP1611
Rev. 0 | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
COMP
1
FB
2
SD
3
GND
4
SS
8
RT
7
IN
6
SW
5
ADP1611
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Compensation Input. Connect a series resistor-capacitor network from COMP to GND to compensate the
regulator.
2
FB
Output Voltage Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set the
regulator output voltage.
3
SD
Shutdown Input. Drive SD low to shut down the regulator; drive SD high to turn it on.
4
GND
Ground.
5
SW
Switching Output. Connect the power inductor from the input voltage to SW and connect the external rectifier
from SW to the output voltage to complete the step-up converter.
6
IN
Main Power Supply Input. IN powers the ADP1611 internal circuitry. Connect IN to the input source voltage.
Bypass IN to GND with a 10 µF or greater capacitor as close to the ADP1611 as possible.
7
RT
Frequency Setting Input. RT controls the switching frequency. Connect RT to GND to program the oscillator to
700 kHz, or connect RT to IN to program it to 1.2 MHz.
8
SS
Soft-Start Timing Capacitor Input. A capacitor from SS to GND brings up the output slowly at power-up.


Número de pieza similar - ADP1611_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1611-EVAL AD-ADP1611-EVAL Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1611ARMZ-R7 AD-ADP1611ARMZ-R7 Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
More results

Descripción similar - ADP1611_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1610 AD-ADP1610_15 Datasheet
868Kb / 20P
   1.2 MHz DC-to-DC Step-Up Switching Converter
REV. A
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
logo
Texas Instruments
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com