Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2333CDS-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI2333CDS-HF
Descripción Electrónicos  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2333CDS-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2333CDS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-12
V
VDS=-12V, VGS=0V
-1
VDS=-12V, VGS=0V, TJ=55℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±8V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.4
-1
V
VGS=-4.5V, ID=-5.1A
35
VGS=-2.5V, ID=-4.5A
45
VGS=-1.8V, ID=-2.0A
59
On state drain current *1
ID(ON)
VGS=-4.5V, VDS=-5V
-20
A
Forward Transconductance *1
gFS
VDS=-5V, ID=-1.9A
1.6
S
Gate Resistance
Rg
f=1.0MHz
4.0
Ω
Input Capacitance
Ciss
1225
Output Capacitance
Coss
315
Reverse Transfer Capacitance
Crss
260
VGS=-4.5V, VDS=-6V, ID=-5.1A
15
25
9
15
Gate Source Charge
Qgs
1.9
Gate Drain Charge
Qgd
3.8
Turn-On DelayTime
td(on)
13
20
Turn-On Rise Time
tr
35
60
Turn-Off DelayTime
td(off)
45
70
Turn-Off Fall Time
tf
12
20
Body Diode Reverse Recovery Charge
Qrr
20
40
nC
Body Diode Reverse Recovery Time
trr
32
50
Reverse Recovery Fall Time
ta
16
Reverse Recovery Rise Time
tb
16
Maximum Body-Diode Continuous Current
IS
TC=25℃
-1.0
Pulse Diode Forward Current *1
ISM
-20
Diode Forward Voltage
VSD
IS=-1.0A,VGS=0V
-0.7
-1.2
V
ns
Total Gate Charge
Qg
VGS=-2.5V, VDS=-6V, ID=-5.1A
IF = 1.0 A, di/dt = 100 A/ us,TJ=25℃
A
pF
nC
VGS=-4.5V, VDS=-6V, RL=6Ω,RGEN=1Ω
ID=-1.0A
ns
VGS=0V, VDS=-6V, f=1MHz
Zero Gate Voltage Drain Current
IDSS
μ
A
Static Drain-Source On-Resistance *1
RDS(On)
*1Pulse test: PW ≤ 300us duty cycle ≤ 2%.
Marking
Marking
O3* F
P-Channel MOSFET
SI2333CDS-HF (KI2333CDS-HF)


Número de pieza similar - SI2333CDS-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SI2333CDS-HF-3 KEXIN-SI2333CDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Descripción similar - SI2333CDS-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com