Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2333CDS-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza SI2333CDS-HF
Descripción Electrónicos  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2333CDS-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2333CDS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2333CDS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
V GS = 5 thru 2.5 V
V GS = 1 V
V GS = 1.5 V
V GS = 2 V
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
ID - Drain Current (A)
V GS = 1.8 V
V GS = 4.5 V
V GS = 2.5 V
0
2
4
6
8
0
5
10
15
20
25
Qg - Total Gate Charge (nC)
V DS = 6 V
ID = 5.1 A
V DS = 9 V
V DS = 3 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
0.0
0.3
0.6
0.9
1.2
1.5
VGS - Gate-to-Source Voltage (V)
T C = 25 °C
T C = 125 °C
T C = - 55 °C
C rss
0
600
1200
1800
2400
0
3
6
9
12
C iss
VDS - Drain-to-Source Voltage (V)
C oss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
V GS = 4.5 V
V GS = 2.5 V
ID = 5.1 A
P-Channel MOSFET
SI2333CDS-HF (KI2333CDS-HF)


Número de pieza similar - SI2333CDS-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SI2333CDS-HF-3 KEXIN-SI2333CDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Descripción similar - SI2333CDS-HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com