Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP3408 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADP3408
Descripción Electrónicos  GSM Power Management System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 5 Page - Analog Devices

  ADP3408_15 Datasheet HTML 1Page - Analog Devices ADP3408_15 Datasheet HTML 2Page - Analog Devices ADP3408_15 Datasheet HTML 3Page - Analog Devices ADP3408_15 Datasheet HTML 4Page - Analog Devices ADP3408_15 Datasheet HTML 5Page - Analog Devices ADP3408_15 Datasheet HTML 6Page - Analog Devices ADP3408_15 Datasheet HTML 7Page - Analog Devices ADP3408_15 Datasheet HTML 8Page - Analog Devices ADP3408_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
ADP3408
–5–
ORDERING GUIDE
Core LDO
Output
Temperature
Package
Model
Voltage
Range
Option
ADP3408ARU-2.5
2.5 V
–20
°C to +85°C
RU-28
ADP3408ACP-2.5
2.5 V
–20
°C to +85°C
CP-32
ADP3408ARU-1.8
1.8 V
–20
°C to +85°C
RU-28
ADP3408ACP-1.8
1.8 V
–20
°C to +85°C
CP-32
ABSOLUTE MAXIMUM RATINGS
*
Voltage on any pin with respect to
any GND Pin . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
Voltage on any pin may not exceed VBAT, with the following
exceptions: CHRIN, GATEDR, ISENSE
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Operating Ambient Temperature Range . . . . . –20
°C to +85°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
JA, Thermal Impedance (TSSOP-28)
4-Layer JEDEC PCB . . . . . . . . . . . . . . . . . . . . . . . . 68
°C/W
2-Layer SEMI PCB . . . . . . . . . . . . . . . . . . . . . . . . . 98
°C/W
JA, Thermal Impedance (LFCSP)
4-Layer JEDEC PCB . . . . . . . . . . . . . . . . . . . . . . . . 32
°C/W
2-Layer SEMI PCB . . . . . . . . . . . . . . . . . . . . . . . . 108
°C/W
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
*This is a stress rating only; operation beyond these limits can cause the device
to be permanently damaged.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADP3408 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Número de pieza similar - ADP3408_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3408ARU-18 AD-ADP3408ARU-18 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3408ARU-25 AD-ADP3408ARU-25 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
More results

Descripción similar - ADP3408_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com