Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADR121 Datasheet(PDF) 3 Page - Analog Devices

No. de pieza ADR121
Descripción Electrónicos  Precision, Micropower LDO Voltage References in TSOT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADR121 Datasheet(HTML) 3 Page - Analog Devices

  ADR121_15 Datasheet HTML 1Page - Analog Devices ADR121_15 Datasheet HTML 2Page - Analog Devices ADR121_15 Datasheet HTML 3Page - Analog Devices ADR121_15 Datasheet HTML 4Page - Analog Devices ADR121_15 Datasheet HTML 5Page - Analog Devices ADR121_15 Datasheet HTML 6Page - Analog Devices ADR121_15 Datasheet HTML 7Page - Analog Devices ADR121_15 Datasheet HTML 8Page - Analog Devices ADR121_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADR121/ADR125/ADR127
Rev. B | Page 3 of 20
SPECIFICATIONS
ADR121 ELECTRICAL CHARACTERISTICS
TA = 25°C, VIN = 2.8 V to 18 V, IOUT = 0 mA, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
B Grade
2.497
2.5
2.503
V
A Grade
2.494
2.5
2.506
V
INITIAL ACCURACY ERROR
VOERR
B Grade
−0.12
+0.12
%
A Grade
−0.24
+0.24
%
TEMPERATURE COEFFICIENT
TCVOUT
−40°C < TA < +125°C
B Grade
3
9
ppm/°C
A Grade
15
25
ppm/°C
DROPOUT (VOUT − VIN)
VDO
IOUT = 0 mA
300
mV
LOAD REGULATION
−40°C < TA < +125°C; VIN = 5.0 V,
0 mA < IOUT < 5 mA
80
300
ppm/mA
−40°C < TA < +125°C; VIN = 5.0 V,
−2 mA < IOUT < 0 mA
50
300
ppm/mA
LINE REGULATION
2.8 V to 18 V, IOUT = 0 mA
−50
+3
+50
ppm/V
PSRR
f = 60 Hz
−90
dB
QUIESCENT CURRENT
IQ
−40°C < TA < +125°C, no load
VIN = 18 V
95
125
μA
VIN = 2.8 V
80
95
μA
SHORT-CIRCUIT CURRENT TO GROUND
VIN = 2.8 V
18
mA
VIN = 18 V
40
mA
VOLTAGE NOISE
f = 10 kHz
500
nV/√Hz
f = 0.1 Hz to 10 Hz
18
μV p-p
TURN-ON SETTLING TIME
To 0.1%, CL = 0.2 μF
100
μs
LONG-TERM STABILITY
1000 hours @ 25°C
150
ppm/1000 hrs
OUTPUT VOLTAGE HYSTERESIS
See the Terminology section
300
ppm


Número de pieza similar - ADR121_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR121AUJZ-R2 AD-ADR121AUJZ-R2 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
ADR121AUJZ-R21 AD-ADR121AUJZ-R21 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR121AUJZ-REEL7 AD-ADR121AUJZ-REEL7 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
ADR121AUJZ-REEL71 AD-ADR121AUJZ-REEL71 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR121BUJZ-REEL7 AD-ADR121BUJZ-REEL7 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
More results

Descripción similar - ADR121_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADR127 AD-ADR127_15 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR127BUJZ AD-ADR127BUJZ Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
ADR121 AD-ADR121 Datasheet
614Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. 0
ADR125 AD-ADR125_15 Datasheet
604Kb / 20P
   Precision, Micropower LDO Voltage References in TSOT
REV. B
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_08 Datasheet
951Kb / 12P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com