Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4738AG Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza 1N4738AG
Descripción Electrónicos  Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

1N4738AG Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  1N4738AG Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 1N4738AG Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N47xxAG Series
VOLTAGE 3.3 ~ 56 V, 1 W
Hermetically Sealed Glass Zener Voltage Regulators
Elektronische Bauelemente
26-May-2010 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
DO-41G
(glass)
Dimensions in mm
Ø 0.790
0.070
4.635
0.565
Ø 2.375
0.335
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Zener Voltage Range 3.3 to 56 Volts
Through-Hole Device Type Mounting
Hermetically Sealed Glass
Compression Bonded Construction
All External Surfaces Are Corrosion Resistant
And Leads Are Readily Solderable
Solder Hot Dip Tin (Sn) Lead Finish
Cathode Indicated By Polarity Band
ABSOLUTE MAXIMUM RATINGS (Rating 25°C ambient temperature unless otherwise specified)
Parameter
SYMBOL
VALUES
UNITS
Forward Voltage @ IF = 200 mA for all types
VF
1.2
V
Total Device Power Dissipation
PD
1.0
W
Thermal Resistance Junction to Lead
RJL
53.5
℃/W
Thermal Resistance Junction to Ambient
RJA
100
℃/W
Max. Junction Operating & Storage Temperature
TOPR(max.),TJ
+200, -65~+200
ELECTRICAL CHARACTERISTICS (Rating 25°C ambient temperature unless otherwise specified)
Type
Number
Zener Voltage
Reverse Current
VZ (V)
IZ (mA)
ZZT () @ IZT
ZZK () @ IZK (mA)
IR (uA) @ VR (V)
Nominal
Max
Max
Max
1N4728AG
3.3
76.0
10
400
1.00
100
1.0
1N4729AG
3.6
69.0
10
400
1.00
100
1.0
1N4730AG
3.9
64.0
9
400
1.00
50
1.0
1N4731AG
4.3
58.0
9
400
1.00
10
1.0
1N4732AG
4.7
53.0
8
500
1.00
10
1.0
1N4733AG
5.1
49.0
7
550
1.00
10
1.0
1N4734AG
5.6
45.0
5
600
1.00
10
2.0
1N4735AG
6.2
41.0
2
700
1.00
10
3.0
1N4736AG
6.8
37.0
3.5
700
1.00
10
4.0
1N4737AG
7.5
34.0
4
700
0.50
10
5.0
1N4738AG
8.2
31.0
4.5
700
0.50
10
6.0
1N4739AG
9.1
28.0
5
700
0.50
10
7.0
1N4740AG
10.0
25.0
7
700
0.25
10
7.6
1N4741AG
11.0
23.0
8
700
0.25
5
8.4
1N4742AG
12.0
21.0
9
700
0.25
5
9.1
1N4743AG
13.0
19.0
10
700
0.25
5
9.9
1N4744AG
15.0
17.0
14
700
0.25
5
11.4
1N4745AG
16.0
15.5
16
700
0.25
5
12.2
1N4746AG
18.0
14.0
20
700
0.25
5
13.7
1N4747AG
20.0
12.5
22
750
0.25
5
15.2
1N4748AG
22.0
11.5
23
750
0.25
5
16.7
1N4749AG
24.0
10.5
25
750
0.25
5
18.2
1N4750AG
27.0
9.5
35
750
0.25
5
20.6
1N4751AG
30.0
8.5
40
1000
0.25
5
22.8
1N4752AG
33.0
7.5
45
1000
0.25
5
25.1
1N4753AG
36.0
7.0
50
1000
0.25
5
27.4
1N4754AG
39.0
6.5
60
1000
0.25
5
29.7
1N4755AG
43.0
6.0
70
1500
0.25
5
32.7
1N4756AG
47.0
5.5
80
1500
0.25
5
35.8
1N4757AG
51.0
5.0
95
1500
0.25
5
38.8
1N4758AG
56.0
4.5
110
2000
0.25
5
42.6


Número de pieza similar - 1N4738AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
1N4738AG EIC-1N4738AG Datasheet
31Kb / 2P
   ZENER DIODES
logo
SeCoS Halbleitertechnol...
1N4738AG SECOS-1N4738AG Datasheet
58Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
1N4738AG SECOS-1N4738AG Datasheet
218Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N4738AG SECELECTRONICS-1N4738AG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
More results

Descripción similar - 1N4738AG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
ON Semiconductor
BZX55C2V4RL ONSEMI-BZX55C2V4RL Datasheet
252Kb / 10P
   Hermetically Sealed Glass Zener Voltage Regulators
August, 2006 ??Rev. 1
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com