Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-BF525C Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADSP-BF525C
Descripción Electrónicos  Blackfin Embedded Processor with Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF525C Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-BF525C_15 Datasheet HTML 4Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 5Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 6Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 7Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 8Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 9Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 10Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 11Page - Analog Devices ADSP-BF525C_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Rev. A
|
Page 8 of 36
|
March 2010
ADSP-BF522C/ADSP-BF523C/ADSP-BF524C/ADSP-BF525C/ADSP-BF526C/ADSP-BF527C
Recording Mode
The digital audio interface sends the ADC digital filter data to
the ADCDAT output pin for recording. The ADCDAT data
stream multiplexes the left- and right-channel audio data in the
time domain. The ADCLRC clock signal separates left- and
right-channel digital audio frames on the ADCDAT lines.
The CODEC_BCLK signal clocks the digital audio data within
the frames. The CODEC_BCLK signal is either an input or an
output depending on whether the codec is in master or slave
mode. During a recording operation, ADCDAT and ADCLRC
must be synchronous to the CODEC_BCLK signal to avoid data
corruption.
Playback Mode
The digital audio interface receives data on the DACDAT input
pin for playback. The digital audio data stream on the DACDAT
pin is time-domain-multiplexed left and right channel audio
data. The DACLRC clock signal separates left and right channel
digital audio frames on the DACDAT lines.
The CODEC_BCLK signal clocks the digital audio data within
the frames. The CODEC_BCLK signal is either an input or an
output depending on whether the codec is in master or slave
mode. During a playback operation, DACDAT and DACLRC
must be synchronous to the CODEC_BCLK signal to avoid data
corruption.
Digital Audio Data Sampling Rate
To accommodate a wide variety of commonly used DAC and
ADC sampling rates, the codec allows for two modes of opera-
tion, normal and USB, selected by the USB bit (Register R8,
Bit D0).
The sampling rate is generated as a fixed divider from the
CODEC_MCLK signal. Because all audio processing references
the CODEC_MCLK signal, corruption of this signal will corrupt
the quality of the audio at the codec output. The ADCLRC/
ADCDAT/CODEC_BCLK or DACLRC/DACDAT/
CODEC_BCLK signals must be synchronized with
CODEC_MCLK in the digital audio interface circuit.
CODEC_MCLK must be faster or equal to the CODEC_BCLK
frequency to guarantee that no data is lost during data synchro-
nization. The CODEC_BCLK frequency should be greater than
the sampling rate × word length × 2. Ensuring that the
CODEC_BCLK frequency is greater than this, guarantees that
all valid data bits are captured by the digital audio interface cir-
cuitry. For example, if a 32 kHz digital audio sampling rate with
a 32-bit word length is desired, CODEC_BCLK = 2.048 MHz.


Número de pieza similar - ADSP-BF525C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF525C AD-ADSP-BF525C Datasheet
829Kb / 12P
   Embedded Processor
Rev. PrB
ADSP-BF525C AD-ADSP-BF525C Datasheet
2Mb / 44P
   Blackfin Embedded Processor 289-ball MBGA package
Rev. PrC
More results

Descripción similar - ADSP-BF525C_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-BF527C AD-ADSP-BF527C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF522C AD-ADSP-BF522C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF523C AD-ADSP-BF523C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF524C AD-ADSP-BF524C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF526C AD-ADSP-BF526C_15 Datasheet
1Mb / 36P
   Blackfin Embedded Processor with Codec
REV. A
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com