Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSST-GPSRF01 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza ADSST-GPSRF01
Descripción Electrónicos  GPS RF Downconverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSST-GPSRF01 Datasheet(HTML) 1 Page - Analog Devices

  ADSST-GPSRF01_15 Datasheet HTML 1Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 2Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 3Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 4Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 5Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 6Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 7Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 8Page - Analog Devices ADSST-GPSRF01_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
GPS RF Downconverter
ADSST-GPSRF01
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©200
7 Analog Devices, Inc. All rights reserved.
FEATURES
Single chip GPS downconverter
GPS L1 band C/A code (1575.42 MHz) receiver
2.7 V to 3.3 V power supply
On-chip LNA
On-chip PLL including complete VCO
On-chip reference oscillator
On-chip NCO for sampling clock
Option to choose 6.144 MHz, or 6.552 MHz, or external
sampling clock
60 dB AGC dynamic range
SIGN and MAGN outputs
Low power operation 55 mA
Supports power-down mode
APPLICATIONS
Security applications
Asset tracking
Marine navigation
Portable GPS receiver
GENERAL DESCRIPTION
The ADSST-GPSRF01 is a high performance, fully integrated,
RF front-end chip for downconversion and amplification of
GPS signals. It has been designed for L1 (1575.42 MHz), C/A
GPS band receivers.
The ADSST-GPSRF01 is a dual conversion, superheterodyne
receiver with an on-chip low noise amplifier (LNA), local oscil-
lator, two downconversion IF stages (at 24.52 MHz and 8.194 MHz,
respectively), an automatic gain controlled amplifier (AGC), and
a 2-bit analog-to-digital converter (ADC).
Two selectable, fixed frequency sampling clocks from an on-chip
NCO can be used for output sampling (6.144 MHz or 6.552 MHz).
In addition, an external sampling clock can be used up to 32 MHz.
The chip can be interfaced with any active/passive GPS antenna.
FUNCTIONAL BLOCK DIAGRAM
1575.42MHz
24.52MHz
8.194MHz
DIV 2
DIV 5
NCO
PF DETECTOR
CMDPHI 0:6.552MHz
CMDPHI 1:6.144MHz
0
1
CMDCKADC
CKIN
CMDPHI
QUARTZ
ON/OFF
1575.42MHz
1550.9MHz
MIXER1
LNA
IF1
IF2
MIXER2
16.3252910MHz
CH PUMP
VCO
ADC
MAGN
CKOUT
SIGN
DIV 2
DIV 4
DIV 19
Figure 1.


Número de pieza similar - ADSST-GPSRF01_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ADSST-21065LCS-240 STMICROELECTRONICS-ADSST-21065LCS-240 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKCA-240 STMICROELECTRONICS-ADSST-21065LKCA-240 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKCA-264 STMICROELECTRONICS-ADSST-21065LKCA-264 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKS-240 STMICROELECTRONICS-ADSST-21065LKS-240 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
ADSST-21065LKS-264 STMICROELECTRONICS-ADSST-21065LKS-264 Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
More results

Descripción similar - ADSST-GPSRF01_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MRFIC1505A NXP-MRFIC1505A Datasheet
272Kb / 8P
   MRFIC1505A Integrated GPS Downconverter 1.575 GHz GPS DOWNCONVERTER
Rev. 1, 01/2005
logo
Motorola, Inc
MRFIC1504 MOTOROLA-MRFIC1504 Datasheet
297Kb / 8P
   INTERGRATED GPS DOWNCONVERTER
MRFIC1502 MOTOROLA-MRFIC1502 Datasheet
163Kb / 7P
   1.575 GHz GPS DOWNCONVERTER
logo
Texas Instruments
TRF1015 TI-TRF1015 Datasheet
292Kb / 21P
[Old version datasheet]   RF DOWNCONVERTER
logo
Freescale Semiconductor...
MRFIC1505 FREESCALE-MRFIC1505 Datasheet
135Kb / 8P
   MRFIC1505/MRFIC1505A Integrated GPS Downconverter
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
logo
Transko Electronics, In...
TA1209AM TRANSKO-TA1209AM Datasheet
425Kb / 4P
   GPS, RF SAW Filter
Revision 0: July 2008
TA1575GJ TRANSKO-TA1575GJ Datasheet
429Kb / 4P
   GPS, RF SAW Filter
Revision 0: June 2005
TA1575PM TRANSKO-TA1575PM Datasheet
426Kb / 4P
   GPS, RF SAW Filter
Revision 0: November 2008
TA1575SQ4 TRANSKO-TA1575SQ4 Datasheet
404Kb / 4P
   GPS RF SAW Filter
Revision 0: July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com