Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADT7408 Datasheet(PDF) 5 Page - Analog Devices

No. de pieza ADT7408
Descripción Electrónicos  2C Accurate, 12-Bit Digital Temperature Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADT7408 Datasheet(HTML) 5 Page - Analog Devices

  ADT7408_15 Datasheet HTML 1Page - Analog Devices ADT7408_15 Datasheet HTML 2Page - Analog Devices ADT7408_15 Datasheet HTML 3Page - Analog Devices ADT7408_15 Datasheet HTML 4Page - Analog Devices ADT7408_15 Datasheet HTML 5Page - Analog Devices ADT7408_15 Datasheet HTML 6Page - Analog Devices ADT7408_15 Datasheet HTML 7Page - Analog Devices ADT7408_15 Datasheet HTML 8Page - Analog Devices ADT7408_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADT7408
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
VDD to VSS
–0.3 V to +7 V
SDA Input Voltage to VSS
–0.3 V to VDD + 0.3 V
SDA Output Voltage to VSS
–0.3 V to VDD + 0.3 V
SCL Input Voltage to VSS
–0.3 V to VDD + 0.3 V
EVENT# Output Voltage to VSS
–0.3 V to VDD + 0.3 V
Operating Temperature Range
–55°C to +150°C
Storage Temperature Range
–65°C to +160°C
Maximum Junction Temperature, TJMAX
150°C
Thermal Resistance1
θJA, Junction-to-Ambient (Still Air)
85oC/W
IR Reflow Soldering Profile
Refer to Figure 3
1 Power Dissipation PMAX = (TJMAX − TA)/θJA, where TA is the ambient
temperature. Thermal resistance value relates to the package being used on
a standard 2-layer PCB, which gives a worst-case
θJA. Some documents may
publish junction-to-case thermal resistance
θJC, but it refers to a component
that is mounted on an ideal heat sink. As a result, junction-to-ambient
thermal resistance is more practical for air-cooled, PCB-mounted
components.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
480 SECONDS MAX.
60 – 180 SECONDS
20 – 40 SECONDS
TIME (Seconds)
260 – 5/+0°C
150°C – 200°C
RAMP DOWN
6°C/SECOND
MAX.
217°C
RAMP UP
3°C/SECOND MAX
60 – 150 SECONDS
Figure
3. LFCSP Pb-Free Reflow Profile Based on JEDEC J-STD-20C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.


Número de pieza similar - ADT7408_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7408 AD-ADT7408_17 Datasheet
561Kb / 23P
   12-Bit Digital Temperature Sensor
More results

Descripción similar - ADT7408_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADT7302 AD-ADT7302_15 Datasheet
245Kb / 16P
   2C Accurate, Micropower Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75_15 Datasheet
352Kb / 24P
   1C Accurate, 12-Bit Digital Temperature Sensor
Rev. B
ADT75 AD-ADT75 Datasheet
387Kb / 24P
   -1째C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
ADT7408 AD-ADT7408 Datasheet
459Kb / 24P
   -2 C Accurate, 12-Bit Digital Temperature Sensor
REV. 0
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
logo
Analog Devices
ADT7301 AD-ADT7301_15 Datasheet
286Kb / 16P
   1C Accurate, 13-Bit, Digital Temperature Sensor
Rev. B
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
ADT7301ARTZ-500RL7 AD-ADT7301ARTZ-500RL7 Datasheet
286Kb / 16P
   짹1째C Accurate, 13-Bit, Digital Temperature Sensor
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com