Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP5401 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza BCP5401
Descripción Electrónicos  Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCP5401 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCP5401_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BCP5401_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
BCP5401
PNP Epitaxial
Planar Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
1.BASE
2.COLLECTOR
3.EMITTER
ABSOLUTE MAXIMUM RATINGS (Tamb=25 C, unless otherwise specified)
o
P
Symbol
Value
Unit
arameter
Collector-Base Voltage
VCBO
-160
V
V
V
mA
W
C
o
Collector-Emitter Voltage
VCEO
VEBO
-5
Emitter-Base Voltage
-600
PD
IC
1
Collector Current
Total Power Dissipation
Operating Junction and Storage Temperature
TJ,TSTG
+150,-55 ~ +150
-150
ELECTRICAL CHARACTERISTICS (Tamb=25 C)
o
P
Symbol
Min.
Typ. Max. Unit
Test Conditions
arameter
Collector-Base Breakdown Voltage
IC=-100µA, IE=0
IC=-1mA, IB=0
IE=-10µA, IC=0
VCB=-120V, IE=0
VEB=-5V, IC=0
IC=-10mA, IB=-1mA
IC
VCB=-10V, f=1MHz
BVCBO
-160
V
Collector-Emitter Breakdown Voltage
BVCEO
BVEBO
V
V
-5
nA
Emitter-Base Breakdown Voltage
nA
ICBO
IEBO
V
1
CE(sat)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-500
-200
-50
-50
mV
mV
Collector Cut-off Current
Emitter Cut-off Current
Output Capacitance
-150
IC=-50mA, IB=-5mA
VCE=-5V, IC=-1mA
VCE=-5V, IC=-10mA
VCE=-5V, IC=-50mA
VCE=-10V,IC=-10mA, f=100MHz
60
50
VBE(sat)2
hFE1
hFE2
hFE3
fT
-
-
-
-
-
-
-
-
50
240
-1
MHz
V
Base-Emitter Voltage
DC Current Gain
Transition Frequency
V
2
CE(sat)
Collector-Emitter Saturation Voltage
=-50mA, IB =-5mA
Cob
VBE(sat)1
-
6
pF
-
100
-1
V
IC=-10mA, IB=-1mA
Marking:54
XXXX
(xxxx = Date Code)
01
Designed for gereral prupose application requiring
high breakdown voltage.
01-Jun-2002 Rev. A
Page 1 of 2
1
2
3
Features
SOT-89
REF.
Min.
Max.
REF.
Min.
Max.
A
4.4
4.6
G
3.00 REF.
B
4.05
4.25
H
1.50 REF.
C
1.50
1.70
I
0.40
0.52
D
1.30
1.50
J
1.40
1.60
E
2.40
2.60
K
0.35
0.41
F
0.89
1.20
L
5 q TYP.
M
0.70 REF.
RoHS Compliant Product


Número de pieza similar - BCP5401_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCP5401 SECOS-BCP5401 Datasheet
378Kb / 2P
   PNP Epitaxial Planar Transistor
More results

Descripción similar - BCP5401_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
BCP5551 SECOS-BCP5551_15 Datasheet
348Kb / 2P
   Planar Transistor
BCP5551 SECOS-BCP5551 Datasheet
348Kb / 2P
   Planar Transistor
CZT5401 SECOS-CZT5401 Datasheet
665Kb / 2P
   Epitaxial Planar Transistor
PZTA42 SECOS-PZTA42 Datasheet
757Kb / 1P
   Epitaxial Planar Transistor
PZT4672 SECOS-PZT4672 Datasheet
921Kb / 2P
   Epitaxial Planar Transistor
BCP1213 SECOS-BCP1213_15 Datasheet
595Kb / 2P
   Epitaxial Planar Transistor
BCPA14 SECOS-BCPA14 Datasheet
400Kb / 2P
   Epitaxial Planar Transistor
PZT669A SECOS-PZT669A Datasheet
607Kb / 2P
   Epitaxial Planar Transistor
PZT772 SECOS-PZT772 Datasheet
524Kb / 2P
   Epitaxial Planar Transistor
PZT3906 SECOS-PZT3906 Datasheet
815Kb / 2P
   Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com