Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAV70HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza BAV70HF
Descripción Electrónicos  High-Speed Double Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAV70HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAV70HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAV70HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd BAV70HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Diodes
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
www.kexin.com.cn
1
Electrical Characteristics Ta = 25
ti
n
U
x
a
M
s
n
o
it
i
d
n
o
Test C
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
IF = 1 mA
715
mV
IF = 10 mA
855
mV
IF = 50 mA
1
V
IF = 150 mA
1.25
VR
A
n
0
3
V
5
2
=
VR
5
.
2
V
5
7
=
A
VR = 25 V; Tj = 150
60
A
VR = 75 V; Tj = 150
100
A
C
e
c
n
a
ti
c
a
p
a
c
e
d
o
i
D
d
f = 1 MHz; VR
F
p
5
.
1
;
V
0
=
when switched from IF =10 mA to IR = 10 mA;
RL = 100
; measured at IR = 1 mA;
forward recovery voltage
1.75
Reverse recovery time
trr
V
e
g
a
tl
o
v
d
r
a
w
r
o
F
F
V
4
ns
I
t
n
e
rr
u
c
e
s
r
e
v
e
R
R
when switched from IF =10 mA; tr = 20 ns;
Vf r
Marking
Marking
A4t F
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
it
it
e
p
e
R
RRM
85
V
V
e
g
a
tl
o
v
e
s
r
e
v
e
r
s
u
o
u
n
it
n
o
C
R
75
V
5
1
2
)
*
d
e
d
a
o
l
e
d
o
i
d
e
l
g
n
i
s
(
t
n
e
rr
u
c
d
r
a
w
r
o
f
s
u
o
u
n
it
n
o
C
(double diode loaded *)
125
I
t
n
e
rr
u
c
d
r
a
w
r
o
f
k
a
e
p
e
v
it
it
e
p
e
R
FRM
450
mA
Non-repetitive peak forward current (Tj = 25 ) t=1us
4
t = 1ms
1
t = 1s
0.5
power dissipation (Tamb = 25 ) *
PD
250
mW
thermal resistance from junction to tie-point
Rth j-tp
360
K/W
thermal resistance from junction to ambient *
Rth j-a
500
K/W
T
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
st g
-65 to +150
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
n
u
J
j
150
* Device mounted on an FR4 printed-circuit board.
IFSM
A
mA
IF
Features
Small plastic SMD package
High switching speed: max.4 ns
Repetitive peak forward current: max. 450 mA
High-Speed Double Diode
BAV70 HF (KAV70 HF)
V


Número de pieza similar - BAV70HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAV70HDW DIODES-BAV70HDW Datasheet
269Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV70HDW-7 DIODES-BAV70HDW-7 Datasheet
269Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV70HDWQ DIODES-BAV70HDWQ Datasheet
312Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
BAV70HDWQ-13 DIODES-BAV70HDWQ-13 Datasheet
312Kb / 5P
   SURFACE MOUNT SWITCHING DIODE ARRAY
logo
Rohm
BAV70HM ROHM-BAV70HM Datasheet
1Mb / 9P
   Switching Diode
More results

Descripción similar - BAV70HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
   High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
   High-speed double diode
1999 May 05
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
   High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
   High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
   High-speed double diode
2004 Jan 14
logo
Guangdong Kexin Industr...
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
   High-Speed Double Diode
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
   High-Speed Double Diode
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
   High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
   High-speed double diode
2003 Nov 07
logo
NXP Semiconductors
1PS301 PHILIPS-1PS301 Datasheet
67Kb / 8P
   High-speed double diode
1999 May 06
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com