Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFG30P06 Datasheet(PDF) 5 Page - Intersil Corporation

No. de pieza RFG30P06
Descripción Electrónicos  30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFG30P06 Datasheet(HTML) 5 Page - Intersil Corporation

  RFG30P06 Datasheet HTML 1Page - Intersil Corporation RFG30P06 Datasheet HTML 2Page - Intersil Corporation RFG30P06 Datasheet HTML 3Page - Intersil Corporation RFG30P06 Datasheet HTML 4Page - Intersil Corporation RFG30P06 Datasheet HTML 5Page - Intersil Corporation RFG30P06 Datasheet HTML 6Page - Intersil Corporation RFG30P06 Datasheet HTML 7Page - Intersil Corporation RFG30P06 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-137
FIGURE 12. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Intersil Application Notes AN7254 and AN7260.
FIGURE 13. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
Test Circuits and Waveforms
FIGURE 14. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORMS
FIGURE 16. SWITCHING TIME TEST CIRCUIT
FIGURE 17. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
3000
2000
1000
0
0
-5
-10
-15
-20
-25
VDS, DRAIN TO SOURCE VOLTAGE (V)
4000
CISS
COSS
CRSS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGS
-60
-45
-30
-15
0
DRAIN SOURCE VOLTAGE
-10
-7.5
-5
-2.5
0
GATE
SOURCE
VOLTAGE
IG(REF)
IG(ACT)
20
IG(REF)
IG(ACT)
80
t, TIME (
µs)
RL = 2.0Ω
IG(REF) = -1.6mA
VGS = -10V
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
VDD = BVDSS
VDD = BVDSS
tP
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
RFG30P06, RFP30P06, RF1S30P06SM


Número de pieza similar - RFG30P06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
RFG30P05 INTERSIL-RFG30P05 Datasheet
70Kb / 8P
   30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
More results

Descripción similar - RFG30P06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
RFG30P05 INTERSIL-RFG30P05 Datasheet
70Kb / 8P
   30A, 50V, 0.065 Ohm, P-Channel Power MOSFETs
RFD15N06LE INTERSIL-RFD15N06LE Datasheet
95Kb / 8P
   15A, 60V, 0.065 Ohm, ESD Rated, Logic Level, N-Channel Power MOSFETs
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
   15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFD8P06E FAIRCHILD-RFD8P06E_02 Datasheet
128Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
logo
Shindengen Electric Mfg...
P30FE6SLK SHINDENGEN-P30FE6SLK Datasheet
1Mb / 7P
   Power MOSFETs 60V, 30A, N-channel
logo
Intersil Corporation
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
Unisonic Technologies
UTT30P06 UTC-UTT30P06 Datasheet
135Kb / 3P
   60V, 30A P-CHANNEL POWER MOSFET
logo
Intersil Corporation
RFP30N06LE INTERSIL-RFP30N06LE Datasheet
80Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP30N06LE FAIRCHILD-RFP30N06LE Datasheet
188Kb / 8P
   30A, 60V, ESD Rated, 0.047 Ohm, Logic Level N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com