Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMP1320-004 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

No. de pieza KMP1320-004
Descripción Electrónicos  PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Página de inicio  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KMP1320-004 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  KMP1320-004 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KMP1320-004 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KMP1320-004 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Diodes
Typical Characterisitics
0.1
0.01
0.1
1
10
100
1
10
100
Forward Current (mA)
Figure 2. Series Resistance vs Current @ 100 MHz
Reverse Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0
1
2
5
10
20
50
1 MHz–1 GHz
Figure 4. Capacitance vs Reverse Voltage
400
500
600
700
800
900
1000
0.1
0.01
1
10
100
Forward Voltage (mV)
Figure 3. DC Characteristics
0
500
1000
1500
2000
0
100
200
300
400
500
600
Frequency (MHz)
0 V
10 V
40 V
Figure 5. Conductance vs Frequency and Reverse Voltage
PIN Diodes
SMP1320 Series (KMP1320 Series)


Número de pieza similar - KMP1320-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
KMP1340-079 KEXIN-KMP1340-079 Datasheet
231Kb / 2P
   Fast Switching Speed Diodes
More results

Descripción similar - KMP1320-004

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RN771V ROHM-RN771V_17 Datasheet
1Mb / 8P
   PIN Diodes
RN779D ROHM-RN779D_15 Datasheet
1Mb / 8P
   PIN Diodes
RN141CM ROHM-RN141CM Datasheet
1Mb / 8P
   PIN Diodes
logo
Jiangsu Changjiang Elec...
BAP50-05W JIANGSU-BAP50-05W Datasheet
200Kb / 3P
   pin Diodes
logo
M/A-COM Technology Solu...
MADP-042XX8 MA-COM-MADP-042XX8_15 Datasheet
218Kb / 4P
   PIN Diodes
logo
Rohm
RN141S ROHM-RN141S_17 Datasheet
1Mb / 8P
   PIN Diodes
RN142ZS8A ROHM-RN142ZS8A_17 Datasheet
1Mb / 8P
   PIN Diodes
RN242CS ROHM-RN242CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262CS ROHM-RN262CS_15 Datasheet
1Mb / 8P
   PIN Diodes
RN262G ROHM-RN262G_15 Datasheet
1Mb / 8P
   PIN Diodes
RN731V ROHM-RN731V_17 Datasheet
1Mb / 8P
   PIN Diodes
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com