Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV7190 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADV7190
Descripción Electrónicos  Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV7190 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7190_15 Datasheet HTML 6Page - Analog Devices ADV7190_15 Datasheet HTML 7Page - Analog Devices ADV7190_15 Datasheet HTML 8Page - Analog Devices ADV7190_15 Datasheet HTML 9Page - Analog Devices ADV7190_15 Datasheet HTML 10Page - Analog Devices ADV7190_15 Datasheet HTML 11Page - Analog Devices ADV7190_15 Datasheet HTML 12Page - Analog Devices ADV7190_15 Datasheet HTML 13Page - Analog Devices ADV7190_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
ADV7190/ADV7191
–10–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin
Input/
No.
Mnemonic
Output
Function
1–16
P0–P15
I
8-Bit or 16-Bit 4:2:2 Multiplexed YCrCb Pixel Port. The LSB of the input data is set up on
Pin P0.
17, 25, 29,
VAA
PAnalog Power Supply (3.3 V to 5 V).
38, 43, 54,
63
18, 24, 26,
AGND
G
Analog Ground.
33, 39, 42,
55, 64
19
HSYNC
I/O
HSYNC (Modes 1, 2, and 3) Control Signal. This pin may be configured to be an output
(Master Mode) or an input (Slave Mode) and accept Sync Signals.
20
VSYNC
I/O
VSYNC Control Signal. This pin may be configured as an output (Master Mode) or as an
input (Slave Mode) and accept
VSYNC as a Control Signal.
21
BLANK
I/O
Video Blanking Control Signal. This signal is optional. For further information see Vertical
Blanking Data Insertion and
BLANK Input section.
22
ALSB
I
TTL Address Input. This signal sets up the LSB of the MPU address.
23
TTXREQ
O
Teletext Data Request Output Signal, used to control teletext data transfer.
27
CLKIN
I
TTL Clock Input. Requires a stable 27 MHz reference clock for standard operation. Alterna-
tively, a 24.5454 MHz (NTSC) or 29.5 MHz (PAL) can be used for square pixel operation.
28
CLKOUT
O
Clock Output Pin.
30
SCL
I
MPU Port Serial Interface Clock Input.
31
SDA
I/O
MPU Port Serial Data Input/Output.
32
SCRESET/
I
Multifunctional Input: Real-Time Control (RTC) Input, Timing Reset Input, Subcarrier Reset
RTC/TR
Input.
34
RSET2
IA 1200
W resistor connected from this pin to ground is used to control full-scale amplitudes
of the Video Signals from DACs D, E, and F.
35
COMP 2
O
Compensation Pin for DACs D, E, and F. Connect a 0.1
mF Capacitor from COMP2 to VAA.
36
DAC F
O
S-Video C/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
37
DAC E
O
S-Video Y/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
40
DAC D
O
Composite/Y/GREEN Analog Output. This DAC is capable of providing 4.33 mA output.
41
DAC C
O
S-Video C/V/RED Analog Output. This DAC is capable of providing 4.33 mA output.
44
DAC B
O
S-Video Y/U/BLUE Analog Output. This DAC is capable of providing 4.33 mA output.
45
DAC A
O
Composite/Y/GREEN Analog Output. This DAC is capable of providing 4.33 mA output.
46
COMP 1
O
Compensation Pin for DACs A, B, and C. Connect a 0.1
mF Capacitor from COMP1 to VAA.
47
VREF
I/O
Voltage Reference Input for DACs or Voltage Reference Output (1.235 V). An external
VREF cannot be used in 4
¥ oversampling mode.
48
RSET1
IA 1200
W resistor connected from this pin to ground is used to control full-scale amplitudes
of the Video Signals from DACs A, B, and C.
49
RESET
IThe input resets the on-chip timing generator and sets the ADV7190/ADV7191 into default
mode. See Appendix 8 for Default Register settings.
50
CSO_HSO
ODual Function
CSO or HSO Output Sync Signal at TTL Level.
51
VSO/CLAMP
I/O
Multifunction Pin.
VSO Output Sync Signal at TTL level. CLAMP TTL Output Signals
can be used to drive external circuitry to enable clamping of all Video Signals.
52
PAL_NTSC
I
Input signal to select PAL or NTSC mode of operation, pin set to Logic 1 selects PAL.
53, 57–62
NC
No Connect.
56
TTX
I
Teletext Data Input Pin.


Número de pieza similar - ADV7190_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7190KST AD-ADV7190KST Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7190KST AD-ADV7190KST Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
More results

Descripción similar - ADV7190_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV7191KSTZ AD-ADV7191KSTZ Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7191 AD-ADV7191_15 Datasheet
626Kb / 72P
   Video Encoders with Six 10-Bit DACs and 54 MHz Oversampling
REV. B
ADV7192 AD-ADV7192 Datasheet
664Kb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. 0
ADV7192 AD-ADV7192_15 Datasheet
2Mb / 69P
   Video Encoder with Six 10-Bit DACs, 54 MHz Oversampling and Progressive Scan Inputs
REV. A
ADV7194 AD-ADV7194_15 Datasheet
605Kb / 69P
   Video Encoder with 54 MHz Oversampling
REV. A
ADV7194KSTZ AD-ADV7194KSTZ Datasheet
605Kb / 69P
   Professional Extended-10 Video Encoder with 54 MHz Oversampling
REV. A
ADV7194 AD-ADV7194 Datasheet
647Kb / 69P
   Professional Extended-10??Video Encoder with 54 MHz Oversampling
REV. 0
ADV7190 AD-ADV7190 Datasheet
628Kb / 69P
   Video Encoder with Six 10-Bit DACs and Video Encoder with Six DAC Outputs
REV. 0
ADV7342 AD-ADV7342_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
ADV7343 AD-ADV7343_15 Datasheet
2Mb / 108P
   Multiformat Video Encoder Six, 11-Bit, 297 MHz DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com