Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4448WS-V Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

No. de pieza 1N4448WS-V
Descripción Electrónicos  150mA Surface Mount Small Signal Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N4448WS-V Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1N4448WS-V Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N4448WS-V Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
Figure 1. Forward characteristics
Figure 2. Dynamic Forward Resistance vs. Forward Current
17437
0
1
2 V
V
F
I
F
10-1
10-2
1
10
102
103
mA
T
j = 100 °C
T
j = 25 °C
17438
Ω
f = 1 kHz
T
j = 25 °C
I
F
r
f
10
102
103
104
10-2
10-1
1102 mA
10
2
5
2
5
2
5
2
5
Figure 4. Relative Capacitance vs. Reverse Voltage
Figure 5. Leakage Current vs. Junction Temperature
17440
V
R
0.7
0.8
0.9
1.0
1.1
f = 1 MHz
T
j = 25 °C
2
0
8
6
4
10 V
C
D (VR)
C
D (0 V)
17441
nA
T
j
I
R
10
102
103
104
100
200 °C
2
5
2
5
2
5
2
5
V
R = 20 V
1
0
Figure 3. Admissible Power Dissipation vs. Ambient Temperature
0
50
100
150
200
250
0
50
100
150
200
20324
T
amb - Ambient Temperature (°C)
Figure 6. Admissible Repetitive Peak Forward Current vs. Pulse Duration
17442
A
t
P
I
FRM
100
1
3
5
10-5
10-4
10-3
10 s
10-1
10-2 25
2
5
25
2
5
25
25
2
4
10
3
5
2
4
1
3
5
2
4
0.1
I
I
FRM
T
v = t
P/T
T = 1/f
P
t
t
P
v = 0
0.1
0.2
0.5


Número de pieza similar - 1N4448WS-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N4448WS-V VISHAY-1N4448WS-V Datasheet
86Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.0, 04-Sep-06
1N4448WS-V VISHAY-1N4448WS-V Datasheet
70Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.3, 17-Aug-10
1N4448WS-V VISHAY-1N4448WS-V Datasheet
80Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.1, 12-Aug-10
1N4448WS-V-GS08 VISHAY-1N4448WS-V-GS08 Datasheet
86Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.0, 04-Sep-06
1N4448WS-V-GS18 VISHAY-1N4448WS-V-GS18 Datasheet
86Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.0, 04-Sep-06
More results

Descripción similar - 1N4448WS-V

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
1N4148WS-V SUNMATE-1N4148WS-V Datasheet
162Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
1N4151WS-V SUNMATE-1N4151WS-V Datasheet
219Kb / 2P
   150mA Surface Mount Small Signal Fast Switching Diode
LL4154 SUNMATE-LL4154 Datasheet
79Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4148 SUNMATE-LL4148 Datasheet
77Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4148 SUNMATE-MCL4148 Datasheet
337Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4150 SUNMATE-LL4150 Datasheet
70Kb / 2P
   150mA Surface Mount Fast Switching Diode
LS4148 SUNMATE-LS4148 Datasheet
120Kb / 2P
   150mA Surface Mount Fast Switching Diode
LL4151 SUNMATE-LL4151 Datasheet
84Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4154 SUNMATE-MCL4154 Datasheet
317Kb / 2P
   150mA Surface Mount Fast Switching Diode
MCL4151 SUNMATE-MCL4151 Datasheet
277Kb / 2P
   150mA Surface Mount Fast Switching Diode
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com