Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5711 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

No. de pieza 1N5711
Descripción Electrónicos  15mA Axial Leaded Schottky Barrier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N5711 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  1N5711 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N5711 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2of2
Typical variation of forward current
Typical forward conduction curve
and forward voltage for primary conduction
of combination schottky barrier
through the schottky barrier
and PN junction guard ring
Typical capacitance curve as a
Typical variation of reverse current
function of reverse voltage
at various temperatures
0
10
20
30
40
50
Reverse Voltage , VR (V)
0
1
2
Tj = 25
°C
0
0.5
1
Forward Voltage , VF (V)
0
60
100
20
40
80
0.01
1
0
0.5
1
Forward Voltage , VF (V)
10
0.1
0.05
0.02
0.2
0.5
2
5
Reverse Voltage , VR (V)
0
10
20
30
40
50
0.01
1
100
0.02
0.1
10
0.05
0.2
0.5
2
5
20
50
Ta = 125
°C
Ta = 25
°C


Número de pieza similar - 1N5711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
logo
Shanghai Lunsure Electr...
1N5711 CHENYI-1N5711 Datasheet
82Kb / 2P
   400 mWatt Small Signal Schottky Diode 60 to 70 Volts
logo
AVAGO TECHNOLOGIES LIMI...
1N5711 AVAGO-1N5711 Datasheet
264Kb / 7P
   Pico Second Switching Speed
logo
Compensated Deuices Inc...
1N5711 CDI-DIODE-1N5711 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
EIC discrete Semiconduc...
1N5711 EIC-1N5711 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Descripción similar - 1N5711

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
1SS166 SUNMATE-1SS166 Datasheet
200Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
1SS165 SUNMATE-1SS165 Datasheet
197Kb / 2P
   15mA Axial Leaded Schottky Barrier Diodes
BAT46 SUNMATE-BAT46 Datasheet
179Kb / 2P
   150mA Axial Leaded Schottky Barrier Diodes
BAT42 SUNMATE-BAT42 Datasheet
164Kb / 2P
   200mA Axial Leaded Schottky Barrier Diodes
RB721Q SUNMATE-RB721Q Datasheet
161Kb / 1P
   30mA Axial Leaded Schottky Barrier Diodes
BAT47 SUNMATE-BAT47 Datasheet
246Kb / 1P
   350mA Axial Leaded Schottky Barrier Diodes
BAT41 SUNMATE-BAT41 Datasheet
132Kb / 2P
   100mA Axial Leaded Schottky Barrier Diodes
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
   0.2A Axial Leaded Schottky Barrier Diodes
SD101A SUNMATE-SD101A Datasheet
197Kb / 2P
   2.0A Axial Leaded Schottky Barrier Diodes
BAT81 SUNMATE-BAT81 Datasheet
213Kb / 2P
   30mA Axial Leaded Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com