Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP177 Datasheet(PDF) 10 Page - Analog Devices

No. de pieza OP177
Descripción Electrónicos  Ultraprecision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP177 Datasheet(HTML) 10 Page - Analog Devices

Back Button OP177_15 Datasheet HTML 6Page - Analog Devices OP177_15 Datasheet HTML 7Page - Analog Devices OP177_15 Datasheet HTML 8Page - Analog Devices OP177_15 Datasheet HTML 9Page - Analog Devices OP177_15 Datasheet HTML 10Page - Analog Devices OP177_15 Datasheet HTML 11Page - Analog Devices OP177_15 Datasheet HTML 12Page - Analog Devices OP177_15 Datasheet HTML 13Page - Analog Devices OP177_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
OP177
Data Sheet
Rev. G | Page 10 of 16
PRECISION HIGH GAIN DIFFERENTIAL AMPLIFIER
The high gain, gain linearity, CMRR, and low TCVOS of the
OP177 make it possible to obtain performance not previously
available in single stage, very high gain amplifier applications.
See Figure 28.
For best CMR,
R2
R1 must equal
R4
R3
In this example, with a 10 mV differential signal, the maximum
errors are listed in Table 6.
0.1µF
+15V
R1
1kΩ
R3
1kΩ
R2
1MΩ
0.1µF
–15V
R4
1MΩ
2
3
7
6
4
OP177
+
Figure 28. Precision High Gain Differential Amplifier
Table 6. High Gain Differential Amp Performance
Type
Amount
Common-Mode Voltage
0.1%/V
Gain Linearity, Worst Case
0.02%
TCVOS
0.0003%/°C
TCIOS
0.008%/°C
ISOLATING LARGE CAPACITIVE LOADS
The circuit shown in Figure 29 reduces maximum slew rate but
allows driving capacitive loads of any size without instability.
Because the 100 Ωresistor is inside the feedback loop, its effect
on output impedance is reduced to insignificance by the high
open loop gain of the OP177.
+
OP177
0.1µF
+15V
RS
RF
0.1µF
–15V
2
3
7
6
4
INPUT
100Ω
10pF
CLOAD
OUTPUT
Figure 29. Isolating Capacitive Loads
BILATERAL CURRENT SOURCE
The current sources shown in Figure 30 supply both positive
and negative currents into a grounded load.
Note that
R1
R3
R2
R4
R5
R2
R4
R
ZO
+
+
=
1
5
and that for ZO to be infinite
R1
R3
must
R2
R4
R5
=
+
PRECISION ABSOLUTE VALUE AMPLIFIER
The high gain and low TCVOS assure accurate operation with
inputs from microvolts to volts. In this circuit, the signal always
appears as a common-mode signal to the op amps (for details,
see Figure 31).


Número de pieza similar - OP177_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP177AZ AD-OP177AZ Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177BRC/883 AD-OP177BRC/883 Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177BZ AD-OP177BZ Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177EZ AD-OP177EZ Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
OP177FP AD-OP177FP Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
More results

Descripción similar - OP177_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP177 AD-OP177_06 Datasheet
337Kb / 16P
   Ultraprecision Operational Amplifier
Rev. E
OP177 AD-OP177 Datasheet
788Kb / 12P
   Ultraprecision Operational Amplifier
REV. B
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com