Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP196 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza OP196
Descripción Electrónicos  Micropower RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP196 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP196_15 Datasheet HTML 5Page - Analog Devices OP196_15 Datasheet HTML 6Page - Analog Devices OP196_15 Datasheet HTML 7Page - Analog Devices OP196_15 Datasheet HTML 8Page - Analog Devices OP196_15 Datasheet HTML 9Page - Analog Devices OP196_15 Datasheet HTML 10Page - Analog Devices OP196_15 Datasheet HTML 11Page - Analog Devices OP196_15 Datasheet HTML 12Page - Analog Devices OP196_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
OP196/OP296/OP496
REV.
–9–
LOAD – k
500
100
400
300
200
600
0
150
1
100
50
10
2
VS = 5V
TA = 25 C
TPC 19. Open-Loop Gain vs. Resistive Load
FREQUENCY – Hz
70
60
–30
10
1M
100
1k
10k
100k
50
40
30
20
10
0
–10
–20
VS = 2.5V
RL = 10k
TA = 25 C
TPC 20. Closed-Loop Gain vs. Frequency
FREQUENCY – Hz
1000
500
0
100
1M
1k
10k
100k
900
800
700
600
400
300
200
100
ACL = 10
ACL = 1
VS = 2.5V
TA = 25 C
TPC 21. Output Impedance vs. Frequency
FREQUENCY – Hz
140
–40
100
10M
1k
10k
100k
1M
120
100
80
60
40
20
0
–20
VS = 2.5V
TA = 25 C
ALL CHANNELS
160
TPC 22. CMRR vs. Frequency
FREQUENCY – Hz
160
140
–40
10
10M
100
1k
10k
1M
100k
120
100
80
60
40
20
0
–20
VS = 5V
TA = 25 C
+PSRR
–PSRR
TPC 23. PSRR vs. Frequency
FREQUENCY – Hz
6
5
0
1k
1M
10k
100k
4
2
3
1
VS = 2.5V
VIN = 5V p-p
AV = 1
RL = 100k
TPC 24. Maximum Output Swing vs. Frequency
E


Número de pieza similar - OP196_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP196GP AD-OP196GP Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP196GS AD-OP196GS Datasheet
337Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. B
OP196GS AD-OP196GS Datasheet
287Kb / 16P
   Micropower, Rail-to-Rail Input and Output Operational Amplifiers
REV. C
OP196GSZ AD-OP196GSZ Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP196GSZ-REEL AD-OP196GSZ-REEL Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
More results

Descripción similar - OP196_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
   Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
logo
Analog Devices
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Intersil Corporation
ISL28233 INTERSIL-ISL28233_10 Datasheet
1Mb / 23P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
ISL28233FUZ INTERSIL-ISL28233FUZ Datasheet
1Mb / 25P
   Dual and Quad Micropower Chopper Stabilized, RRIO Operational Amplifiers
July 26, 2011
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
   Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com