Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OP215 Datasheet(PDF) 4 Page - Analog Devices

No. de pieza OP215
Descripción Electrónicos  Dual Precision JFET-Input Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

OP215 Datasheet(HTML) 4 Page - Analog Devices

  OP215_15 Datasheet HTML 1Page - Analog Devices OP215_15 Datasheet HTML 2Page - Analog Devices OP215_15 Datasheet HTML 3Page - Analog Devices OP215_15 Datasheet HTML 4Page - Analog Devices OP215_15 Datasheet HTML 5Page - Analog Devices OP215_15 Datasheet HTML 6Page - Analog Devices OP215_15 Datasheet HTML 7Page - Analog Devices OP215_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REV. A
OP215
–4–
ORDERING INFORMATION
1
Package
Temperature
TA = 25
∞C,
Model
Type
Range
VOS Max (mV)
OP215EZ
2
8-Lead CerDIP
COM
1.0
OP215GP
2
8-Lead Plastic DIP
XIND
6.0
For military processed devices, please refer to the standard microcircuit drawing
(SMD) available at www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-8853801GA
2
OP215AJMDA
5962-8853801PA
OP215AZMDA
5962-8838032A
2
OP215BRCMDA
NOTES
1Burn-in is available on commercial and industrial temperature range parts in CerDIP and plastic
DIP packages.
2Not for new design, obsolete April 2002.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP215 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
OP215E, OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Operating Temperature Range
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0
∞C to +70∞C
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
∞C to +85∞C
Maximum Junction Temperature (Tj) . . . . . . . . . . . . . . 150
∞C
Differential Input Voltage
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±40 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30 V
Input Voltage
2
OP215E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 V
OP215G . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±16 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . 300
∞C
Junction Temperature (Tj) . . . . . . . . . . . . . –65
∞C to +150∞C
NOTES
1Absolute maximum ratings apply to packaged parts, unless otherwise noted.
2Unless otherwise specified, the absolute maximum negative input voltage is equal
to one volt more positive than the negative power supply voltage.
Package Type
JA *
JC
Unit
8-Lead Hermetic DIP (Z)
134
12
∞C/W
8-Lead Plastic DIP (P)
96
37
∞C/W
* JA is specified for worst-case mounting conditions, i.e., JA is specified for
device in socket for CerDIP and P-DIP packages.
PIN CONFIGURATION
8
7
6
5
1
2
3
4
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V–
– +
+
AB


Número de pieza similar - OP215_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
More results

Descripción similar - OP215_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP215 AD-OP215_17 Datasheet
193Kb / 9P
   Dual Precision JFET-Input Operational Amplifier
OP215GS AD-OP215GS Datasheet
145Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP215 AD-OP215 Datasheet
162Kb / 8P
   Dual Precision JFET-Input Operational Amplifier
REV. A
OP-215 AD-OP-215 Datasheet
393Kb / 8P
   DUAL PRECISION JFET-INPUT OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM8502 NJRC-NJM8502 Datasheet
560Kb / 10P
   Precision, Dual, JFET Input Operational Amplifier
NJM8512 NJRC-NJM8512 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
NJM8513 NJRC-NJM8513 Datasheet
1Mb / 14P
   Precision, JFET Input Operational Amplifier
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170 Datasheet
654Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
logo
Renesas Technology Corp
HA-5170 RENESAS-HA-5170 Datasheet
662Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
November 2004
logo
Intersil Corporation
HA-5170 INTERSIL-HA-5170_00 Datasheet
578Kb / 9P
   8MHz, Precision, JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com