Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DL4762A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de Pieza. DL4762A
Descripción  1 Watts Surface Mount Zener Diodes
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo 

DL4762A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
·
·
·
·
·
·
1 Watts Surface Mount Zener Diodes
Low profile package
Built-in strain relief
Low inductance
In compliance with EU RoHS 2002/95/EC directives
T/R - 5K per 13" paper Reel
Case: Molded Glass MELF / DL-41
Terminals: Solderable per MIL-STD-750, Method 2026
Polarity: See Diagram Below
Approx. Weight: 0.16 grams
Mounting Position: Any
Packing information
0.216(5.5)
0.201(5.1)
0.110(2.8)
0.102(2.6)
0.020(0.5)
0.012(0.3)
0.020(0.5)
0.012(0.3)
DL-41
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
OC
PTOT
*
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
0
2
+
o
t
5
6
-
OC
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
*
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T
.
x
a
Ms
t
i
n
U
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
A
J
-
-
-
-
*
0
7
1W
/
K
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
A
m
0
0
2
=
V
F
-
-
-
-
2
.
1V
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
*
DL4728A-DL4764A


Html Pages

1  2 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn