Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

130HF Datasheet(PDF) 3 Page - International Rectifier

No. de Pieza. 130HF
Descripción  STANDARD RECOVERY DIODES Stud Version
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

130HF Datasheet(HTML) 3 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
D-5
130HF(R) Series
Parameter
130HF(R)
Units
Conditions
°C
T
J
Max. operating temperature range
-40 to 180
T
stg
Max. storage temperature range
-55 to 180
R
thJC
Max. thermal resistance, junction to case
0.3
DC operation
R
thCS
Max. thermal resistance, case to heatsink
0.08
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
11
Not lubricated threads
10
Lubricated threads
wt
Approximate weight
120
g
Case style
DO-205AC(DO-30)
See Outline Table
K/W
Nm
Thermal and Mechanical Specification
∆R
thJC
Conduction
(The following table shows the increment of thermal resistence R
thJC
when devices operate at different conduction angles than DC)
180°
0.052
0.042
T
J
= T
J
max.
120°
0.064
0.070
90°
0.083
0.090
K/W
60°
0.117
0.120
30°
0.177
0.180
Conduction angle
Sinusoidal conduction
Rectangular conduction Units
Conditions
Ordering Information Table
130 HF
R
120
P
B
V
1
23
4
5
6
Device Code
1
-
Essential Part Number
2
-
Diode
3
-
None = Stud Normal Polarity (Cathode to Stud)
R = Stud Reverse Polarity (Anode to Stud)
4
-
Voltage code: Code x 10 = V
RRM
(See Voltage Ratings table)
5
-
P = Stud base DO-205AC(DO-30) 1/2" 20UNF-2A
M= Stud base DO-205AC(DO-30) M12x1.75
6
-
B = Flag top terminals (for Cathode/ Anode Leads)
S = Isolated lead with silicone sleeve
(Red = Reverse Polarity; Blue = Normal Polarity)
None = Not isolated lead
7
-
V = Glass-metal seal
7
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
301USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD600NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
70300USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD300NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD150NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD400NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD200NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD500NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn