Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

130HF Datasheet(PDF) 4 Page - International Rectifier

No. de Pieza. 130HF
Descripción  STANDARD RECOVERY DIODES Stud Version
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

130HF Datasheet(HTML) 4 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
130HF(R) Series
Outline Table
DO-205AC (DO-30) Flag
All dimensions in millimeters (inches)
GLASS-METAL SEAL
MAX.
16.5 (0.65)
DIA. 8.5 (0.33) NOM.
DIA. 23.5 (0.93) MAX.
SW 27
* FOR METRIC DEVICE: M12 X 1.75
1/2"-20UNF-2A*
C.S. 16mm
2.6 (0.10) MAX.
2
(0.015 s.i.)
GLASS-METAL SEAL
DIA. 23.5 (0.93) MAX.
16.5 (0.65)
5.6 (0.22)
DIA. 5.54 (0.22)
*FOR METRIC DEVICE. M12 X 1.75
1/2"-20UNF-2A*
Conforms to JEDEC DO-205AC (DO-30)
All dimensions in millimeters (inches)
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
301USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD600NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
70300USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD300NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD150NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD400NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD200NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD500NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn