Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

130HF Datasheet(PDF) 5 Page - International Rectifier

No. de Pieza. 130HF
Descripción  STANDARD RECOVERY DIODES Stud Version
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

130HF Datasheet(HTML) 5 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
D-7
130HF(R) Series
110
120
130
140
150
160
170
180
0
20
40
60
80
100
120
140
30°
60°
90°
120°
180°
Average Forward Current (A)
Conduction Angle
130HF(R) Series
R
(DC) = 0.3 K/ W
thJC
110
120
130
140
150
160
170
180
0
40
80
120
160
200
240
DC
30°
60°
90°
120°
180°
Conduction Period
130HF(R) Series
R
(DC) = 0.3 K/ W
thJC
Average Forward Current (A)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
0
20
40
60
80 100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.8
K/W
1
K/W
1.2
K/ W
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80
100
120
140
180°
120°
90°
60°
30°
RMSLimit
Conduction Angle
Average Forward Current (A)
130HF(R) Series
T = 180°C
J
0
20
40
60
80 100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.6
K/
W
0.8
K/W
1 K
/ W
1.2
K/ W
0
40
80
120
160
200
240
0
40
80
120
160
200
240
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
130HF(R) Series
T = 180°C
J
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
301USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD600NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
70300USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD300NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD150NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD400NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD200NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD500NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn