Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

300HF Datasheet(PDF) 6 Page - International Rectifier

No. de Pieza. 300HF
Descripción  STANDARD RECOVERY DIODES Stud Version
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

300HF Datasheet(HTML) 6 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
300HF(R) Series
Fig. 8 - Thermal Impedance Z
thJC
Characteristic
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Sq ua re Wa ve Pulse Duratio n (s)
300HF(R) Series
St ead y Sta te Value:
R
= 0.12 K/ W
(DC Operation)
thJC
10
100
1000
10000
0.511.522.533.5
T = 25°C
J
Instantaneous Forward Voltage (V)
300HF(R) Series
T = 180°C
J
1000
1500
2000
2500
3000
3500
4000
4500
1
10
100
Number Of Equa l Amplitude Half Cyc le Current Pulses(N)
300HF(R) Series
Initial T = 180 °C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
At Any Ra ted Load Condition And With
Rated V
Applied Following Surge.
RRM
1000
1500
2000
2500
3000
3500
4000
4500
5000
5500
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 180°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Tra in Duration.
Maximum Non Repetitive Surge Current
J
300HF(R) Series
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
To Order
Next Data Sheet
Index
Previous Datasheet


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
301USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD600NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
70300USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD300NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD150NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD400NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD200NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD500NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn