Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

300HF Datasheet(PDF) 1 Page - International Rectifier

No. de Pieza. 300HF
Descripción  STANDARD RECOVERY DIODES Stud Version
Descarga  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

300HF Datasheet(HTML) 1 Page - International Rectifier

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
High current carrying capability
High surge current capability
Types up to 1200V V
RRM
Stud cathode and stud anode version
Standard JEDEC types
Diffused junction
Typical Applications
Battery chargers
Converters
Power supplies
Machine tool controls
I
F(AV)
300
A
@ T
C
125
°C
I
F(RMS)
470
A
I
FSM
@ 50Hz
5000
A
@ 60Hz
5200
A
I2t@ 50Hz
125
KA2s
@ 60Hz
113
KA2s
V
RRM
range
400 to 1200
V
T
J
-40 to 180
°C
Parameters
300HF(R)
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
300HF(R) SERIES
300A
STANDARD RECOVERY DIODES
Stud Version
Bulletin I2021/A
Next Data Sheet
Index
Previous Datasheet
To Order


Html Pages

1  2  3  4  5  6 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
301USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD600NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
70300USTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD300NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD150NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD400NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD200NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier
SD500NSTANDARD RECOVERY DIODES Stud Version 1 2 3 4 5 MoreInternational Rectifier

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn