Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IR2111 Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IR2111
Descripción Electrónicos  HALF-BRIDGE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IR2111 Datasheet(HTML) 3 Page - International Rectifier

  IR2111 Datasheet HTML 1Page - International Rectifier IR2111 Datasheet HTML 2Page - International Rectifier IR2111 Datasheet HTML 3Page - International Rectifier IR2111 Datasheet HTML 4Page - International Rectifier IR2111 Datasheet HTML 5Page - International Rectifier IR2111 Datasheet HTML 6Page - International Rectifier IR2111 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IR2111
CONTROL INTEGRATED CIRCUIT DESIGNERS’ MANUAL B-41
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-On Propagation Delay
850
1,000
VS = 0V
toff
Turn-Off Propagation Delay
150
180
VS = 600V
tr
Turn-On Rise Time
80
130
tf
Turn-Off Fall Time
40
65
DT
Deadtime, LS Turn-Off to HS Turn-On &
700
900
HS Turn-Off to LS Turn-On
MT
Delay Matching, HS & LS Turn-On/Off
30
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figure 3.
ns
Parameter
Value
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” Input Voltage for HO & Logic “0” for LO
6.4
VCC = 10V
9.5
VCC = 15V
12.6
VCC = 20V
VIL
Logic “0” Input Voltage for HO & Logic “1” for LO
3.8
VCC = 10V
——
6.0
VCC = 15V
——
8.3
VCC = 20V
VOH
High Level Output Voltage, VBIAS - VO
100
IO = 0A
VOL
Low Level Output Voltage, VO
100
IO = 0A
ILK
Offset Supply Leakage Current
50
VB = VS = 600V
IQBS
Quiescent VBS Supply Current
50
100
VIN = 0V or VCC
IQCC
Quiescent VCC Supply Current
70
180
µA
VIN = 0V or VCC
IIN+
Logic “1” Input Bias Current
20
40
VIN = VCC
IIN-
Logic “0” Input Bias Current
1.0
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive Going Threshold
7.3
8.4
9.5
VBSUV-
VBS Supply Undervoltage Negative Going Threshold
7.0
8.1
9.2
VCCUV+
VCC Supply Undervoltage Positive Going Threshold
7.6
8.6
9.6
VCCUV-
VCC Supply Undervoltage Negative Going Threshold
7.2
8.2
9.2
IO+
Output High Short Circuit Pulsed Current
200
250
VO = 0V, VIN = VCC
PW
≤ 10 µs
IO-
Output Low Short Circuit Pulsed Current
420
500
VO = 15V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
V
mV
mA
V
To Order
Next Data Sheet
Index
Previous Datasheet


Número de pieza similar - IR2111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IR2111 IRF-IR2111 Datasheet
154Kb / 15P
   HALF-BRIDGE DRIVER
IR2111 IRF-IR2111 Datasheet
155Kb / 15P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
   HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
logo
International Rectifier
IR2111PBF IRF-IR2111PBF Datasheet
154Kb / 15P
   HALF-BRIDGE DRIVER
IR2111S IRF-IR2111S Datasheet
154Kb / 15P
   HALF-BRIDGE DRIVER
More results

Descripción similar - IR2111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com