Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD5401CY Datasheet(PDF) 2 Page - Calogic, LLC

No. de pieza SD5401CY
Descripción Electrónicos  High-Speed DMOS Quad FET Analog Switch Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CALOGIC [Calogic, LLC]
Página de inicio  http://www.calogic.net
Logo CALOGIC - Calogic, LLC

SD5401CY Datasheet(HTML) 2 Page - Calogic, LLC

  SD5401CY Datasheet HTML 1Page - Calogic, LLC SD5401CY Datasheet HTML 2Page - Calogic, LLC SD5401CY Datasheet HTML 3Page - Calogic, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD5000 / SD5001 / SD5002
SD5400 / SD5401 / SD5402
DC ELECTRICAL CHARACTERISTICS TA = 25
oC
SYMBOL
PARAMETERS
SD5000/SD5400
SD5001/SD5401
SD5002/SD5402
UNITS
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
Vanalog
Analog Signal Range
-10
+10
-5
+5
-7.5
+7.5
V
Breakdown Voltage
BVDS
BVSD
BVDB
BVSB
Drain-Source
Source-Drain
Drain-Body
Source-Body
20
20
25
25
25
10
10
15
15
25
15
15
22.5
22.5
25
V
VGS = VBS = -5V, ID = 10nA
VGD = VBD = -5V, IS = 10nA
VGB = 0V, ID = 10nA Source Open
VGB = 0V, IS = 10
µA, Drain Open
Leakage Current - SD5000/SD5400
IDS(OFF)
ISD(OFF)
IGBS
Drain-Source
Source-Drain
Gate
1.0
1.0
10.0
10.0
1.0
nA
nA
µA
VGS = VBS = -5V, VDS = 20V
VGD = VBD = -5V, VSD = 20V
VDB = VSB = 0V, VGB = 30V
Leakage Current - SD5001/SD5401
IDS(OFF)
ISD(OFF)
IGBS
Drain-Source
Source-Drain
Gate
1.0
1.0
10.0
10.0
1.0
nA
nA
µA
VGS = VBS = -5V, VDS = 10V
VGD = VBD = -5V, VSD = 10V
VDB = VSB = 0V, VGB = 25V
Leakage Current - SD5002/SD5402
IDS(OFF)
ISD(OFF)
IGBS
Drain-Source
Source-Drain
Gate
1.0
1.0
10.0
10.0
1.0
nA
nA
µA
VGS = VBS = -5V, VDS = 15V
VGD = VBD = -5V, VSD = 15V
VDB = VSB = 0V, VGB = 30V
VT
Threshold Voltage
0.1
1.0
2.0
0.1
1.0
2.0
0.1
1.0
2.0
V
VDS = VGS = VT, VSB = 0V, ID = 1
µA
RDS(ON)
Drain-Source ON
Resistance
50
30
23
19
70
50
30
23
19
70
50
30
23
19
70
VGS = 5V, VSB = 0V, ID = 1mA
VGS = 10V, VSB = 0V, ID = 1mA
VGS = 15V, VSB = 0V, ID = 1mA
VGS = 20V, VSB = 0V, ID = 1mA
RDS(ON)
Match ON Resiatance
1
5
1
5
1
5
VGS = 5V
AC ELECTRICAL CHARACTERISTICS TA = 25
oC
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
gfs
Forward Transconductance
10
12
mS
VDS = 10V, ID = 20mA, VSB = 0V, f = 1kHz
Capacitances
CG
CD
CS
CDG
Gate Node
Drain Node
Source Node
Reverse Transfer
2.4
1.3
3.5
0.3
3.5
1.5
4.0
0.5
pF
VDS = 10V, f = 1MHz, VGS = VBS = -15V
CT
Crosstalk
107.0
dB
f = 3kHz, RG = 600
CALOGIC LLC, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-1076
DS063 REV A
LLC
SWITCHING CHARACTERISTICS TA = 25
oC
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
td(ON)
Turn-On Time
0.7
1.0
nsec
RL = 680
Ω, RG = 51
VDD = 5V
VG(ON) = 10V
tr
Rise Time
0.8
1.0
tOFF*
Turn-Off Time
10.0
*tOFF is dependent on RL and C and does not depend on the device characteristics.


Número de pieza similar - SD5401CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Calogic, LLC
SD5401CY CALOGIC-SD5401CY Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD5401CY LINEAR-SD5401CY Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
SD5401CY LINEAR-SD5401CY Datasheet
505Kb / 3P
   QUAD N-CHANNEL LATERAL DMOS SWITCH ZENER PROTECTED
logo
Micross Components
SD5401CY MICROSS-SD5401CY Datasheet
253Kb / 1P
   Quad N-Channel Enhancement Mode DMOS Lateral Switches
More results

Descripción similar - SD5401CY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Calogic, LLC
SD5400CY-LF CALOGIC-SD5400CY-LF Datasheet
45Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
SD5000 CALOGIC-SD5000 Datasheet
37Kb / 3P
   High-Speed DMOS Quad FET Analog Switch Arrays
logo
Linear Integrated Syste...
SD210DE LINEAR-SD210DE Datasheet
357Kb / 2P
   HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
logo
Calogic, LLC
CWB2214 CALOGIC-CWB2214 Datasheet
39Kb / 4P
   CMOS/DMOS High Speed Analog Switch
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
logo
Calogic, LLC
CWB201 CALOGIC-CWB201 Datasheet
53Kb / 5P
   100MHz CMOS/DMOS Wideband Quad Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com