Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF530S Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

No. de pieza IRF530S
Descripción Electrónicos  Halogen-free According to IEC 61249-2-21
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KERSEMI [Kersemi Electronic Co., Ltd.]
Página de inicio  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF530S Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

  IRF530S Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF530S Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TO-263AB (HIGH VOLTAGE)
Notes
1. Dimensioning and tolerancing per ASME Y14.5M-1994.
2. Dimensions are shown in millimeters (inches).
3. Dimension D and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the
outmost extremes of the plastic body at datum A.
4. Thermal PAD contour optional within dimension E, L1, D1 and E1.
5. Dimension b1 and c1 apply to base metal only.
6. Datum A and B to be determined at datum plane H.
7. Outline conforms to JEDEC outline to TO-263AB.
5
4
1
3
L1
L2
D
B
B
E
H
B
A
Detail A
A
A
c
c2
A
2 x e
2 x b2
2 x b
0.010
A
B
MM
± 0.004
B
M
Base
metal
Plating
b1, b3
(b, b2)
c1
(c)
Section B - B and C - C
Scale: none
Lead tip
4
34
(Datum A)
2
C
C
B
B
5
5
View A - A
E1
D1
E
4
4
B
H
Seating plane
Gauge
plane
0° to 8°
Detail “A”
Rotated 90° CW
scale 8:1
L3
A1
L4
L
MILLIMETERS
INCHES
MILLIMETERS
INCHES
DIM.
MIN.
MAX.
MIN.
MAX.
DIM.
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
D1
6.86
-
0.270
-
A1
0.00
0.25
0.000
0.010
E
9.65
10.67
0.380
0.420
b
0.51
0.99
0.020
0.039
E1
6.22
-
0.245
-
b1
0.51
0.89
0.020
0.035
e
2.54 BSC
0.100 BSC
b2
1.14
1.78
0.045
0.070
H
14.61
15.88
0.575
0.625
b3
1.14
1.73
0.045
0.068
L
1.78
2.79
0.070
0.110
c
0.38
0.74
0.015
0.029
L1
-
1.65
-
0.066
c1
0.38
0.58
0.015
0.023
L2
-
1.78
-
0.070
c2
1.14
1.65
0.045
0.065
L3
0.25 BSC
0.010 BSC
D
8.38
9.65
0.330
0.380
L4
4.78
5.28
0.188
0.208
ECN: S-82110-Rev. A, 15-Sep-08
DWG: 5970
IRF530S, SiHF530S
2014-8-28
8
www.kersemi.com


Número de pieza similar - IRF530S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF530S IRF-IRF530S Datasheet
180Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF530S IRF-IRF530S Datasheet
171Kb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF530S VISHAY-IRF530S Datasheet
177Kb / 9P
   Power MOSFET
Rev. C, 30-May-11
logo
VBsemi Electronics Co.,...
IRF530S VBSEMI-IRF530S Datasheet
1,008Kb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRF530S VISHAY-IRF530S Datasheet
218Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Descripción similar - IRF530S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTU2N60 DINTEK-DTU2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTL2N60 DINTEK-DTL2N60 Datasheet
1Mb / 11P
   Halogen-free According to IEC 61249-2-21
DTS6503 DINTEK-DTS6503 Datasheet
329Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTU15P10 DINTEK-DTU15P10 Datasheet
294Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS2312 DINTEK-DTS2312 Datasheet
307Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS3402 DINTEK-DTS3402 Datasheet
325Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTS4500 DINTEK-DTS4500 Datasheet
473Kb / 9P
   Halogen-free According to IEC 61249-2-21
DTC3058 DINTEK-DTC3058 Datasheet
300Kb / 8P
   Halogen-free According to IEC 61249-2-21
logo
Taiwan Semiconductor Co...
TSM5NC50CP TSC-TSM5NC50CP Datasheet
312Kb / 6P
   Halogen-free according to IEC 61249-2-21
logo
DinTek Semiconductor Co...
DTS2305 DINTEK-DTS2305 Datasheet
449Kb / 9P
   Halogen-free According to IEC 61249-2-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com