Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF140 Datasheet(PDF) 6 Page - International Rectifier

No. de pieza IRF140
Descripción Electrónicos  TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF140 Datasheet(HTML) 6 Page - International Rectifier

  IRF140 Datasheet HTML 1Page - International Rectifier IRF140 Datasheet HTML 2Page - International Rectifier IRF140 Datasheet HTML 3Page - International Rectifier IRF140 Datasheet HTML 4Page - International Rectifier IRF140 Datasheet HTML 5Page - International Rectifier IRF140 Datasheet HTML 6Page - International Rectifier IRF140 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRF140
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DS S
I AS
R G
IAS
0.01
tp
D.U.T
L
V DS
+
-
VDD
DR IV E R
A
15 V
20V
10V


Número de pieza similar - IRF140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
IRF140 FAIRCHILD-IRF140 Datasheet
146Kb / 5P
   N-Channel Power MOSFETs, 27 A, 60-100V
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
   28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
More results

Descripción similar - IRF140

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFN140 IRF-IRFN140 Datasheet
218Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
IRF150 IRF-IRF150 Datasheet
150Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.055ohm, Id= 38A)
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
IRF9130 IRF-IRF9130 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.30ohm, Id=-11A)
IRF9140 IRF-IRF9140 Datasheet
148Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-100V, Rds(on)=0.2ohm, Id=-18A)
IRFY140CM IRF-IRFY140CM Datasheet
291Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.077ohm, Id=16*A)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF5M3710 IRF-IRF5M3710 Datasheet
114Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.03ohm, Id=35A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com