Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF1002 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de pieza UF1002
Descripción Electrónicos  1.0A Axial Leaded Ultrafast Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

UF1002 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  UF1002 Datasheet HTML 1Page - SUNMATE electronic Co., LTD UF1002 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.0A Axial Leaded Ultrafast Diode
1 of 2
UF1001 - UF1007
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Diffused Junction
·
Ultra-Fast Switching for High Efficiency
·
High Current Capability and Low Forward
Voltage Drop
·
Low Reverse Leakage Current
·
Surge Overload Rating to 30A Peak
·
Low Reverse Leakage Current
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: Cathode Band
·
Marking: Type Number
·
Weight: 0.35 grams (approx.)
·
Mounting Position: Any
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
UF
1001
UF
1002
UF
1003
UF
1004
UF
1005
UF
1006
UF
1007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TA = 55
°C
(Note 1)
IO
1.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
(JEDEC Method)
IFSM
30
A
Forward Voltage
@ IF = 1.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@ TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
5.0
100
mA
Reverse Recovery Time (Note 3)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
Cj
20
10
pF
Typical Thermal Resistance Junction to Ambient
RqJA
95
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5.


Número de pieza similar - UF1002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF1002 PANJIT-UF1002 Datasheet
60Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 10.0 Amperes)
UF1002 PANJIT-UF1002 Datasheet
86Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Won-Top Electronics
UF1002 WTE-UF1002 Datasheet
44Kb / 3P
   10A ULTRAFAST GLASS PASSIVATED RECTIFIER
logo
Shenzhen Taychipst Elec...
UF1002 TAYCHIPST-UF1002 Datasheet
2Mb / 2P
   ULTRA-FAST RECTIFIER
logo
Diodes Incorporated
UF1002 DIODES-UF1002 Datasheet
62Kb / 2P
   1.0A ULTRA-FAST RECTIFIER
DS25002 Rev. D1-2
More results

Descripción similar - UF1002

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
SB120 SUNMATE-SB120 Datasheet
134Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
SR120 SUNMATE-SR120 Datasheet
189Kb / 2P
   1.0A Axial Leaded Schottky Barrier Diode
UF2001 SUNMATE-UF2001 Datasheet
78Kb / 2P
   2.0A Axial Leaded Ultrafast Diode
ERA32-01 SUNMATE-ERA32-01 Datasheet
169Kb / 2P
   1.0A Axial Leaded Rectifier
logo
Won-Top Electronics
UF4001 WTE-UF4001_06 Datasheet
56Kb / 4P
   1.0A ULTRAFAST DIODE
1H1 WTE-1H1_06 Datasheet
50Kb / 4P
   1.0A ULTRAFAST DIODE
HER101 WTE-HER101_06 Datasheet
51Kb / 4P
   1.0A ULTRAFAST DIODE
logo
SUNMATE electronic Co.,...
BYV26A SUNMATE-BYV26A Datasheet
155Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
MUR105 SUNMATE-MUR105 Datasheet
111Kb / 2P
   1.0A Axial Leaded Super Fast Rectifier
EGP10A SUNMATE-EGP10A Datasheet
146Kb / 2P
   1.0A Axial Leaded High Efficiency Rectifier
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com