Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SA1648 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza 2SA1648
Descripción Electrónicos  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1648 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SA1648_15 Datasheet HTML 1Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 2Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 3Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 4Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 5Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 6Page - Renesas Technology Corp 2SA1648_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet D16121EJ4V0DS
4
2SA1648,1648-Z
BASE AND COLLECTOR SATURATION VOLTAGE
vs. COLLECTOR CURRENT
−0.01
VBE (sat)
VCE (sat)
−0.1
−1
−10
−100
−10
−1
−0.1
−0.01
−0.001
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
−0.01
−0.1
−1
−10
1000
100
10
1
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
−0.1
tstg
tf
−1
−100
−10
1000
100
10
STORAGE TIME AND FALL TIME
vs. COLLECTOR CURRENT
−0.5
−1
−2
−5
−10
−20
1
0.1
0.01
REVERSE BIAS SAFE OPERATING AREA
0
−20
−40
−60
−80
−100
−3
−2
−1
VCE =
−10 V
TC = 25
°C
IE = 0 A
f = 1.0 MHz
IC = 20 A
• IB1 = −20 A • IB2
Collector Current IC (A)
Collector Current IC (A)
Pulse test
Collector to Base Voltage VCB (V)
Collector to Emitter Voltage VCE (V)
IC = 20 A
• IB


Número de pieza similar - 2SA1648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SA1648-Z NEC-2SA1648-Z Datasheet
156Kb / 5P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1648-Z ISC-2SA1648-Z Datasheet
245Kb / 2P
   isc Silicon PNP Power Transistor
More results

Descripción similar - 2SA1648_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com