Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SC1623 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SC1623
Descripción Electrónicos  NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC1623 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC1623_15 Datasheet HTML 1Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC1623_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SC1623
NPN SILICON EPITAXIAL TRANSISTOR
MINI MOLD
DATA SHEET
Document No. D17115EJ5V0DS00 (5th edition)
Date Published November 2005 NS CP(K)
Printed in Japan
c
1984
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
FEATURES
• High DC Current Gain:
hFE = 200 TYP. (VCE = 6.0 V, IC = 1.0 mA)
• High Voltage: VCEO = 50 V
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current (DC)
IC
100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cut-off Current
ICBO
0.1
μA
VCB = 60 V, IE = 0 A
Emitter Cut-off Current
IEBO
0.1
μA
VEB = 5.0 V, IC = 0 A
DC Current Gain
hFE
90
200
600
VCE = 6.0 V, IC = 1.0 mA
Note
Collector Saturation Voltage
VCE(sat)
0.15
0.3
V
IC = 100 mA, IB = 10 mA
Note
Base to Saturation Voltage
VBE(sat)
0.86
1.0
V
IC = 100 mA, IB = 10 mA
Note
Base to Emitter voltage
VBE
0.55
0.62
0.65
V
VCE = 6.0 V, IC = 1.0 mA
Note
Gain Bandwidth Product
fT
250
MHz
VCE = 6.0 V, IE =
−10 mA
Output Capacitance
Cob
3.0
pF
VCB = 6.0 V, IE = 0 A, f = 1.0 MHz
Note Pulsed: PW
≤ 350
μs, Duty Cycle ≤ 2%
hFE CLASSIFICATION
Marking
L4
L5
L6
L7
hFE
90 to 180
135 to 270
200 to 400
300 to 600
PACKAGE DRAWING (Unit: mm)
2.8 ± 0.2
1.5 TYP.
0.65
+0.1
–0.15
2
1
3
Marking
1: Emitter
2: Base
3: Collector
<R>
<R>


Número de pieza similar - 2SC1623_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
2SC1623 KEXIN-2SC1623_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC1623 WINNERJOIN-2SC1623_15 Datasheet
136Kb / 1P
   TRANSISTOR (NPN)
logo
Unisonic Technologies
2SC1623 UTC-2SC1623_15 Datasheet
120Kb / 2P
   NPN SILICON TRANSISTOR
More results

Descripción similar - 2SC1623_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
   NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
logo
NEC
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
   NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1699 NEC-2SD1699 Datasheet
198Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SC3554 RENESAS-2SC3554_15 Datasheet
1Mb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1950-T1-AZ RENESAS-2SD1950-T1-AZ Datasheet
1Mb / 6P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
NEC
2SC2780 NEC-2SC2780 Datasheet
209Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD?
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com