Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1584-Z Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza 2SD1584-Z
Descripción Electrónicos  NPN SILICON EPITAXIAL TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1584-Z Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1584-Z_15 Datasheet HTML 1Page - Renesas Technology Corp 2SD1584-Z_15 Datasheet HTML 2Page - Renesas Technology Corp 2SD1584-Z_15 Datasheet HTML 3Page - Renesas Technology Corp 2SD1584-Z_15 Datasheet HTML 4Page - Renesas Technology Corp 2SD1584-Z_15 Datasheet HTML 5Page - Renesas Technology Corp 2SD1584-Z_15 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON POWER TRANSISTOR
2SD1584-Z
NPN SILICON EPITAXIAL TRANSISTOR
DATA SHEET
Document No. D18292EJ3V0DS00 (3rd edition)
(Previous No. TC-1672A)
Date Published July 2006 NS CP(K)
Printed in Japan
1985, 2006
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The 2SD1584-Z is designed for Audio Frequency Amplifier and
Switching, especially in Hybrid Integrated Circuits.
FEATURES
• High hFE: hFE = 800 to 3200
• Low VCE(sat): VCE(sat) = 0.25 V TYP.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
7
V
Collector Current (DC)
IC(DC)
3
A
Collector Current (pulse)
Note 1
IC(pulse)
5
A
Total Power Dissipation (TA = 25
°C) Note 2
PT
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10 ms, Duty Cycle ≤ 50%
2. When mounted on ceramic substrate of 7.5 cm
2 × 0.7 mm
PACKAGE DRAWING (Unit: mm)
12 3
4
6.5 ±0.2
4.4 ±0.2
5.0 ±0.2
0.5 ±0.1
0.5 ±0.1
2.3 ±0.2
0.5 ±0.1
Note
Note
0.15 ±0.15
2.3 ±0.3
2.3 ±0.3
TO-252 (MP-3Z)
1. Base
2. Collector
3. Emitter
4. Collector Fin
Note The depth of notch at the top of the fin is
from 0 to 0.2 mm.
<R>


Número de pieza similar - 2SD1584-Z_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SD1584-Z NEC-2SD1584-Z Datasheet
225Kb / 4P
   NPN SILICON EPITAXIAL TRANSISTOR MP-3
logo
Guangdong Kexin Industr...
2SD1584-Z KEXIN-2SD1584-Z Datasheet
42Kb / 2P
   NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1584-Z RENESAS-2SD1584-Z Datasheet
728Kb / 6P
   SILICON POWER TRANSISTOR
2006
More results

Descripción similar - 2SD1584-Z_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com