Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF3709 Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRF3709
Descripción Electrónicos  Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A??
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF3709 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF3709 Datasheet HTML 3Page - International Rectifier IRF3709 Datasheet HTML 4Page - International Rectifier IRF3709 Datasheet HTML 5Page - International Rectifier IRF3709 Datasheet HTML 6Page - International Rectifier IRF3709 Datasheet HTML 7Page - International Rectifier IRF3709 Datasheet HTML 8Page - International Rectifier IRF3709 Datasheet HTML 9Page - International Rectifier IRF3709 Datasheet HTML 10Page - International Rectifier IRF3709 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IRF3709/3709S/3709L
www.irf.com
7
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by R
G
• Driver same type as D.U.T.
• I
SD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


Número de pieza similar - IRF3709

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRF3709 ISC-IRF3709 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3709LPBF IRF-IRF3709LPBF Datasheet
227Kb / 11P
   SMPS MOSFET
IRF3709LPBF IRF-IRF3709LPBF Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
IRF3709PBF IRF-IRF3709PBF Datasheet
227Kb / 11P
   SMPS MOSFET
IRF3709PBF IRF-IRF3709PBF Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
More results

Descripción similar - IRF3709

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRFP054V IRF-IRFP054V Datasheet
216Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=9.0mohm, Id=93A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
IRFR3708 IRF-IRFR3708 Datasheet
129Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=61A??
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7458 IRF-IRF7458 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=8.0mohm, Id=14A)
IRF7463 IRF-IRF7463 Datasheet
84Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)max=0.008ohm, Id=14A)
IRF3703 IRF-IRF3703 Datasheet
95Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=2.8mohm, Id=210A??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com