Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


IRF3709 Datasheet(Hoja de datos) 11 Page - International Rectifier

No. de Pieza. IRF3709
Descripción  Power MOSFET(Vdss=30V, Rds(on)max=9.0mohm, Id=90A⑥)
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo 

 
 11 page
background image
IRF3709/3709S/3709L
www.irf.com
11
D2Pak Tape & Reel Information
3
4
4
TR R
F EED D IRE CT IO N
1 .85 ( .0 73)
1 .65 ( .0 65)
1 .60 (.0 63)
1 .50 (.0 59)
4.10 ( .161)
3.90 ( .153)
TR L
F E ED DIR E CTIO N
10.90 (.429)
10.70 (.421)
16 .10 (.634)
15 .90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532 )
12.80 (.504 )
330.00
( 14.173)
M AX.
2 7.4 0 (1.079 )
2 3.9 0 (.9 41)
60.0 0 (2.362)
M IN .
30.40 (1.197)
M A X.
26 .40 (1 .03 9)
24 .40 (.9 61 )
NO TE S :
1 . CO M F OR M S TO EIA-418 .
2 . CO NTROL LIN G DIM E NSIO N: M IL LIM ET ER .
3 . DIM E NS IO N M EASURED @ HUB.
4 . INCLUDES FL AN GE DIST ORT ION @ O UT E R EDGE.
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.01/01
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting TJ = 25°C, L = 0.85mH
RG = 25Ω, IAS = 30A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
„ This is only applied to TO-220AB package




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SHD224701LOW RDS HERMETIC POWER MOSFET - N-CHANNEL 1 2 Sensitron
SHD225701LOW RDS HERMETIC POWER MOSFET - N-CHANNEL 1 2 Sensitron
SHD244702LOW RDS HERMETIC POWER MOSFET - P-CHANNEL 1 2 3 Sensitron
SBF50P10-023LRAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL 1 2 3 Sensitron
MMSF10N02ZSINGLE TMOS POWER MOSFET 10 AMPERES 20 VOLTS 1 2 3 4 5 MoreMotorola, Inc
MRF1507LATERAL NCHANNEL BROADBAND RF POWER MOSFET 1 2 3 4 5 MoreMotorola, Inc
MTSF3N02HDSINGLE TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS RDS on = 0.040 OHM 1 2 3 4 5 MoreMotorola, Inc
NTMD6N03R2Power MOSFET 1 2 3 4 5 MoreON Semiconductor
IRFIZ48VPBFHEXFET Power MOSFET 1 2 3 4 5 MoreInternational Rectifier
MMDF3N03HDPower MOSFET 3 Amps 30 Volts 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl