Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3EZ4.3D5 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de pieza 3EZ4.3D5
Descripción Electrónicos  3Watts Axial Leaded Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

3EZ4.3D5 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  3EZ4.3D5 Datasheet HTML 1Page - SUNMATE electronic Co., LTD 3EZ4.3D5 Datasheet HTML 2Page - SUNMATE electronic Co., LTD 3EZ4.3D5 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Case : DO-15 Molded plastic
3EZ3.9D5-3EZ400D5
3Watts Axial Leaded Zener Diodes
Weight : 0.339 gram
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Low leakage current
High reliability
High peak reverse power dissipation
Complete Voltage Range 3.9 to 400 Volts
1 of 2
Features
A
A
B
C
D
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
·
·
·
·
·
method 208 guaranteed
·
Rating
Symbol
Value
Unit
DC Power Dissipation at TL = 75
°C (Note1)
PD
3.0
W
Maximum Forward Voltage at IF = 200 mA
VF
1.5
V
Maximum Thermal Resistance Junction to Ambient Air (Note2)
R
θJA
60
K / W
Junction Temperature Range
TJ
- 55 to + 175
°C
Storage Temperature Range
Ts
- 55 to + 175
°C
Note :
(1) TL = Lead temperature at 3/8 " (9.5mm) from body
(2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
0
40
80
120
160
200
TL, LEAD TEMPERATURE (
°C)
1
2
3
4
5
L = LEAD LENGTH
TO HEAT SINK
Fig. 1 Power Temperature Derating Curve
0
L = 1/8"
L = 3/8"
L = 1"
DO-15
Dim
Min
Max
A
25.40
¾
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm


Número de pieza similar - 3EZ4.3D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
3EZ4.3D5 EIC-3EZ4.3D5 Datasheet
37Kb / 3P
   SILICON ZENER DIODES
logo
Jinan Gude Electronic D...
3EZ4.3D5 JGD-3EZ4.3D5 Datasheet
150Kb / 2P
   3W SILICON ZENER DIODE
logo
ON Semiconductor
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
logo
SynSemi, Inc.
3EZ4.3D5 SYNSEMI-3EZ4.3D5 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
3EZ4.3D5 NJSEMI-3EZ4.3D5 Datasheet
151Kb / 1P
   Ref/Reg Diode, P(D) = 1W
More results

Descripción similar - 3EZ4.3D5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SUNMATE electronic Co.,...
BZT03D6V2 SUNMATE-BZT03D6V2 Datasheet
91Kb / 2P
   3Watts Axial Leaded Zener Diodes
3EZ3.9D5 SUNMATE-3EZ3.9D5 Datasheet
168Kb / 3P
   3Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0_15 Datasheet
433Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5 SUNMATE-2EZ3.6D5 Datasheet
102Kb / 2P
   2Watts Axial leaded Zener Diodes
1N5913A SUNMATE-1N5913A Datasheet
499Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
1N4728A SUNMATE-1N4728A Datasheet
390Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
BZX79C2V4 SUNMATE-BZX79C2V4 Datasheet
328Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
P100A SUNMATE-P100A Datasheet
358Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
ZY3.6S SUNMATE-ZY3.6S Datasheet
263Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
2EZ3.6D5L SUNMATE-2EZ3.6D5L Datasheet
252Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com