Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5931B Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

No. de pieza 1N5931B
Descripción Electrónicos  1.5 Watts Axial Leaded Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUNMATE [SUNMATE electronic Co., LTD]
Página de inicio  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

1N5931B Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  1N5931B Datasheet HTML 1Page - SUNMATE electronic Co., LTD 1N5931B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15
mW/ºC
Maximum Steady state Power Dissipation
1.5
W
1.5 Watts Axial Leaded Zener Diodes
1 of 2
Features
A
A
B
C
D
DO-41
Dim
Min
Max
A
25.40
¾
B
4.06
5.21
C
0.71
0.864
D
2.00
2.72
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
·
·
·
Mechanical Data
·
·
·
·
·
·
1N5913B - 1N5957B
Rating
Symbol
Value
Unit
@ TL = 75 ºC, Lead Length = 3/8"
Derate above 75 ºC
Operating and Storage Temperature Range
TJ,TSTG
- 65 to + 200
°C
PD
Low leakage current
High reliability
High peak reverse power dissipation
Complete Voltage Range 3.3 to 200 Volts
Weight : 0.335 gram
Mounting position : Any
Polarity : Color band denotes cathode end
Lead : Axial lead solderable per MIL-STD-202,
Epoxy : UL94V-O rate flame retardant
Case : DO-41 Molded plastic
method 208 guaranteed
Amps
10
IFSM
Peak forward Surge Current 8.3ms single half sine-wave
superimposed on rated load(JEDEC Method) (Note 1,2)


Número de pieza similar - 1N5931B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N5931B PANJIT-1N5931B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
First Components Intern...
1N5931B FCI-1N5931B Datasheet
113Kb / 2P
   1.5 Watt ZENER DIODES(3.3V to 200V)
logo
Yangzhou yangjie electr...
1N5931B YANGJIE-1N5931B Datasheet
530Kb / 3P
   Zener Diode
logo
Transys Electronics
1N5931B TRSYS-1N5931B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5931B TAITRON-1N5931B Datasheet
171Kb / 4P
   1.5W Zener Diodes
More results

Descripción similar - 1N5931B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5913BP MICROSEMI-1N5913BP Datasheet
226Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
1N5913BG MICROSEMI-1N5913BG Datasheet
227Kb / 3P
   Axial-Leaded 1.5 Watt Zener Diodes
logo
SUNMATE electronic Co.,...
ZPY3.9 SUNMATE-ZPY3.9 Datasheet
103Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
BZX85C2V7 SUNMATE-BZX85C2V7 Datasheet
110Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
ZY3.6 SUNMATE-ZY3.6 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
MZ85C3V0 SUNMATE-MZ85C3V0 Datasheet
278Kb / 2P
   1.3 Watts Axial Leaded Zener Diodes
BZW03C7V5 SUNMATE-BZW03C7V5 Datasheet
90Kb / 2P
   6 Watts Axial Leaded Zener Diodes
logo
New Jersey Semi-Conduct...
1N5913A NJSEMI-1N5913A Datasheet
93Kb / 1P
   1.5 WATTS ZENER DIODES
logo
Inchange Semiconductor ...
1N5915B ISC-1N5915B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
logo
American Microsemicondu...
1N5936B AMMSEMI-1N5936B Datasheet
208Kb / 1P
   Axial-Leaded 1.5 Watt diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com