Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBJ-LC45CA Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
SMBJ-LC45CA Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 4 page Features Maximum Ratings and Electrical Characteristics SMB Dim Min Max A 3.30 3.94 B 4.00 4.65 C 1.95 2.21 D 0.15 0.40 E 5.00 6.00 G 0.10 0.20 H 0.76 1.52 J 2.00 2.62 All Dimensions in mm Mechanical Data A B C D G H E J · · · · · · · · · · SMBJ-LC5.0—SMBJ-LC188 600 Watts Surface Mount Low Capacitance Transient Voltage Suppressor Pb / RoHS Free Very response Time Excellent clamping capability Low 600W peak pulse power capability with a 10/1000µs waveform junction capacitance Weight : 0.108 gram Mounting position : Any Polarity : Color band denotes cathode end Lead : Lead Formed for Surface Mount Epoxy : UL94V-O rate flame retardant Case : SMB Molded plastic · Rating Symbol Value Units Peak Pulse Power Dissipation on 10/1000 μs waveform (1)(2) W Peak Pulse Current on 10/1000 μs waveform (1) A Typical Thermal resistance, Junction to ambient °C/W Operating Junction and Storage Temperature Range TJ, TSTG - 55 to + 150 °C Notes : (1) Non-repetitive Current pulse and derated above Ta = 25 °C (2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal. RӨJA 100 Minimum 600 See Table IPPM PPPM 1of4 |
Número de pieza similar - SMBJ-LC45CA |
|
Descripción similar - SMBJ-LC45CA |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |