Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5803 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF5803
Descripción Electrónicos  Power MOSFET(Vdss=-40V)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5803 Datasheet(HTML) 1 Page - International Rectifier

  IRF5803 Datasheet HTML 1Page - International Rectifier IRF5803 Datasheet HTML 2Page - International Rectifier IRF5803 Datasheet HTML 3Page - International Rectifier IRF5803 Datasheet HTML 4Page - International Rectifier IRF5803 Datasheet HTML 5Page - International Rectifier IRF5803 Datasheet HTML 6Page - International Rectifier IRF5803 Datasheet HTML 7Page - International Rectifier IRF5803 Datasheet HTML 8Page - International Rectifier IRF5803 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Parameter
Max.
Units
VDS
Drain- Source Voltage
-40
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.4
ID @ TA= 70°C
Continuous Drain Current, VGS @ -10V
-2.7
A
IDM
Pulsed Drain Current

-27
PD @TA = 25°C
Power Dissipation
ƒ
2.0
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
03/05/01
www.irf.com
1
IRF5803
HEXFET® Power MOSFET
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
VDSS
RDS(on) max (mΩ)
Ω)
Ω)
Ω)
Ω)
ID
-40V
112@VGS = -10V
-3.4A
190@VGS = -4.5V
-2.7A
TSOP-6
These P-channel HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the extremely low on-resistance
per silicon area. This benefit provides the designer
with an extremely efficient device for use in battery and
load management applications.
The TSOP-6 package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of nearly
300% compared to the SOT-23.
Description
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
T op V iew
1
2
D
G
A
D
D
D
S
3
4
5
6
PD-94015


Número de pieza similar - IRF5803

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5803D2 IRF-IRF5803D2 Datasheet
127Kb / 11P
   FETKY??MOSFET & Schottky Diode(Vdss=-40V, Rds(on)=112ohm)
IRF5803D2PBF IRF-IRF5803D2PBF Datasheet
143Kb / 11P
   FETKY 짰MOSFET & Schottky Diode
IRF5803D2PBF IRF-IRF5803D2PBF_15 Datasheet
148Kb / 11P
   Ideal For Buck Regulator Applications
IRF5803D2TRPBF IRF-IRF5803D2TRPBF Datasheet
159Kb / 11P
   Co-packaged HEXFET Power
IRF5803PBF IRF-IRF5803PBF Datasheet
207Kb / 9P
   Ultra Low On-Resistance
More results

Descripción similar - IRF5803

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7703 IRF-IRF7703 Datasheet
137Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7704 IRF-IRF7704 Datasheet
193Kb / 8P
   Power MOSFET(Vdss=-40V)
IRF5804 IRF-IRF5804 Datasheet
99Kb / 9P
   Power MOSFET(Vdss=-40V)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
   Power MOSFET(Vdss=40V, Id=9.4A)
IRF7469 IRF-IRF7469 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=40V, Id=9.0A)
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
   Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com