Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-7883 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza MC-7883
Descripción Electrónicos  GaAs MULTI-CHIP MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

MC-7883 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  MC-7883_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH MC-7883_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH MC-7883_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH MC-7883_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH MC-7883_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH MC-7883_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet PG10315EJ01V0DS
2
MC-7883
RECOMMENDED OPERATING CONDITIONS (ZS = ZL = 75
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Supply Voltage
VDD
23.5
24.0
24.5
V
Input Voltage
Vi
110 channel,
10 dB tilted across the band
32.0
35.0
dBmV
Operating Case Temperature
TC
−30
+25
+85
°C
ELECTRICAL CHARACTERISTICS (TC = 30
±±±±5°°°°C, VDD = 24 V, ZS = ZL = 75 Ω
Ω)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Linear Gain
GL
f = 870 MHz
22.0
23.0
dB
Gain Slope
GSlope
f = 40 to 870 MHz
0.6
1.0
1.4
dB
Gain Flatness
GFlatness
f = 40 to 870 MHz, Peak to valley
−−
0.6
dB
Noise Figure 1
NF1
f = 50 MHz
−−
5.5
dB
Noise Figure 2
NF2
f = 870 MHz
−−
6.0
dB
Operating Current
IDD
RF OFF
310
360
mA
Composite Triple Beat
CTB
110 channel,
−−
−60
dBc
Cross Modulation
XM
VO = 52 dBmV at 745.25 MHz,
−−
−55
dBc
Composite 2nd Order Beat
CSO
10 dB tilted across the band
−−
−63
dBc
Input Return Loss 1
RLi1
f = 40 to 160 MHz
20
−−
dB
Input Return Loss 2
RLi2
f = 160 to 320 MHz
20
−−
dB
Input Return Loss 3
RLi3
f = 320 to 640 MHz
19
−−
dB
Input Return Loss 4
RLi4
f = 640 to 870 MHz
17
−−
dB
Output Return Loss 1
RLo1
f = 40 to 160 MHz
20
−−
dB
Output Return Loss 2
RLo2
f = 160 to 320 MHz
20
−−
dB
Output Return Loss 3
RLo3
f = 320 to 640 MHz
19
−−
dB
Output Return Loss 4
RLo4
f = 640 to 870 MHz
18
−−
dB


Número de pieza similar - MC-7883_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
MC-7883-AZ CEL-MC-7883-AZ Datasheet
290Kb / 7P
   870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER
logo
Renesas Technology Corp
MC-7883-AZ RENESAS-MC-7883-AZ Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
More results

Descripción similar - MC-7883_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
MC-7833 RENESAS-MC-7833 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7836 RENESAS-MC-7836 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2008
MC-7883 RENESAS-MC-7883 Datasheet
280Kb / 8P
   GaAs MULTI-CHIP MODULE
2002
logo
NEC
MC-7881 NEC-MC-7881 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
MC-7883 NEC-MC-7883 Datasheet
39Kb / 6P
   GaAs MULTI-CHIP MODULE
logo
Renesas Technology Corp
MC-7832-HA RENESAS-MC-7832-HA Datasheet
264Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7845 RENESAS-MC-7845 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7846 RENESAS-MC-7846 Datasheet
195Kb / 8P
   GaAs MULTI-CHIP MODULE
2006
MC-7891 RENESAS-MC-7891 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2007
MC-7893 RENESAS-MC-7893 Datasheet
279Kb / 8P
   GaAs MULTI-CHIP MODULE
2005
logo
NEC
MC-7891 NEC-MC-7891 Datasheet
64Kb / 6P
   GaAs MULTI-CHIP MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com