Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF5NJZ48 Datasheet(PDF) 7 Page - International Rectifier

No. de pieza IRF5NJZ48
Descripción Electrónicos  POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.016ohm, Id=22A*)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF5NJZ48 Datasheet(HTML) 7 Page - International Rectifier

  IRF5NJZ48 Datasheet HTML 1Page - International Rectifier IRF5NJZ48 Datasheet HTML 2Page - International Rectifier IRF5NJZ48 Datasheet HTML 3Page - International Rectifier IRF5NJZ48 Datasheet HTML 4Page - International Rectifier IRF5NJZ48 Datasheet HTML 5Page - International Rectifier IRF5NJZ48 Datasheet HTML 6Page - International Rectifier IRF5NJZ48 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRF5NJZ48
Footnotes:
Case Outline and Dimensions — SMD-0.5
PAD ASSIGNMENTS
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 11/00
 Repetitive Rating; Pulse width limited by
maximum junction temperature.
ƒ ISD ≤ 22A, di/dt ≤ 220 A/µs,
VDD ≤ 55V, TJ ≤ 150°C
„ Pulse width ≤ 300 µs; Duty Cycle ≤ 2%
‚ VDD = 25 V, Starting TJ = 25°C, L=0.66mH
Peak IAS = 22A, RG= 25Ω


Número de pieza similar - IRF5NJZ48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ48 IRF-IRF5NJZ48 Datasheet
118Kb / 7P
   Avalanche Energy Ratings
IRF5NJZ48SCV IRF-IRF5NJZ48SCV Datasheet
118Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ48 IRF-IRF5NJZ48_15 Datasheet
118Kb / 7P
   Avalanche Energy Ratings
More results

Descripción similar - IRF5NJZ48

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFR2405 IRF-IRFR2405 Datasheet
129Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=56A??
IRFP048N IRF-IRFP048N Datasheet
117Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=64A)
IRFIZ48N IRF-IRFIZ48N Datasheet
109Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.016ohm, Id=36A)
IRF5NJ5305 IRF-IRF5NJ5305 Datasheet
118Kb / 7P
   POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.065ohm, Id=-22A*)
IRF5NJ540 IRF-IRF5NJ540 Datasheet
115Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.052ohm, Id=22A*)
IRF5Y3205CM IRF-IRF5Y3205CM Datasheet
103Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.022ohm, Id=18A*)
IRF5N3205 IRF-IRF5N3205 Datasheet
118Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.008ohm, Id=55A*)
IRF5YZ48CM IRF-IRF5YZ48CM Datasheet
105Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.029ohm, Id=18A*)
IRF5M3205 IRF-IRF5M3205 Datasheet
113Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=55V, Rds(on)=0.015ohm, Id=35A)
IRFI1310G IRF-IRFI1310G Datasheet
361Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.04ohm, Id=22A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com