Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMART1500LCD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza SMART1500LCD
Descripción Electrónicos  SmartPro LCD 120V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMART1500LCD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMART1500LCD_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMART1500LCD_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMART1500LCD_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMART1500LCD_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMART1500LCD_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro LCD 120V 1.5kVA 900W Line-Interactive
UPS, 2U Rack/Tower, LCD Display, USB, DB9 Serial
MODEL NUMBER: SMART1500LCD
Description
Tripp Lite's SMART1500LCD Line-Interactive Digital UPS System offers voltage regulation, surge suppression
and long-lasting battery support for personal computers, network workstations, home entertainment systems
and media centers. Internal UPS circuits support entry-level PCs or individual VCR/DVR components during
power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component programming.
Automatic Voltage Regulation (AVR) circuits regulate brownouts and overvoltages from 75V to 147V back to
usable levels without using battery power. Offers complete power protection with support for upright tower or 2U rackmount installation in an attractive all-black
cabinet design. Includes 8 battery-supported outlets. Built-in USB and DB9 serial port enables optional unattended system shutdown without data loss in case
of extended power failure; cabling included. PowerAlert software available via free download from www.tripplite.com. HID-compliant USB interface enables
integration with built-in power management and auto shutdown features of Windows and Mac OS X. Built-in single-line RJ-45 jacks offer protection for
equipment with single-line tel/DSL or network Ethernet connection. Built-in audible alarm and large LCD front panel voltage display indicates line power status,
battery power status, battery low/replace status and voltage boost operation. The LCD display includes a dimmer switch and can be rotated for easy viewing
in any application. 1500VA/900W power-handling capacity supports entry-level PCs, home entertainment systems, network workstations and audio/video
components. Offers 3.5 minutes battery runtime with a full load of 1500VA/900W and 13 minutes with a half load of 750VA/450W.
Features
LCD Display indicates input voltage, battery capacity and a variety of operating conditions. Display is rotatable for easy viewing whether UPS is in
vertical or horizontal position
SMART1500LCD Digital Uninterruptible Power Supply offers voltage regulation, surge suppression and long-lasting battery support during blackouts
Supports entry-level PCs or single VCR/DVR components during blackouts
Regulates brownouts and overvoltages from 75V to 147V back to usable levels without using battery power
8 UPS battery-supported outlets
Included DB9 serial and USB monitoring port and cable enables unattended shutdown in the case of extended power failure
HID-compliant USB port enables full integration with built-in power management and auto shutdown features of Windows and Mac OS X
PowerAlert software available via free download from www.tripplite.com
Set of phone/network protection jacks protects a single dialup/DSL phone line or network Ethernet connection
1500VA/900W power handling ability supports a variety of sensitive computer, home theater and other equipment
Highlights
1500VA / 1.5kVA 2U rack/tower
120V line interactive UPS with
LCD display
Corrects brownouts and
overvoltages from 75V to 147V
LCD screen reports input
voltage, battery charge and UPS
status
USB, DB9 serial,
TEL/DSL/ethernet protection,
Rackmount kit
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
SMART1500LCD Digital UPS
System
USB Cable
DB9 Cable
Network (RJ45) Cord
Mounting Hardware
Owner's Manual
1 / 5


Número de pieza similar - SMART1500LCD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDTXL TRIPPLITE-SMART1500LCDTXL Datasheet
179Kb / 5P
   Line-Interactive UPS 1440VA 1200W - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
More results

Descripción similar - SMART1500LCD_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
SMART1500LCDXL TRIPPLITE-SMART1500LCDXL Datasheet
511Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Extended Run, 2U Rack/Tower, LCD Display,USB, DB9 Serial
SMART1200LCD TRIPPLITE-SMART1200LCD_15 Datasheet
498Kb / 5P
   SmartPro LCD 120V 1.2kVA 700W Line-Interactive UPS, 2U Rack-Tower, LCD Display, USB, DB9 Serial
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMC15002URM TRIPPLITE-SMC15002URM Datasheet
186Kb / 6P
   SmartPro 120V 1.5kVA 1kW Line-Interactive Sine Wave UPS, 2U Rack/Tower, LCD, USB, DB9, 8 Outlets
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMART1500RM2UN TRIPPLITE-SMART1500RM2UN Datasheet
508Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard pre-installed, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART1500RM2U TRIPPLITE-SMART1500RM2U_15 Datasheet
507Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, SNMP, Webcard option, 2U Rack, LCD,USB, DB9 Serial
SMART1500RMXL2UA TRIPPLITE-SMART1500RMXL2UA_15 Datasheet
509Kb / 5P
   SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard option,2U Rack-Tower, LCD, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com