Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF634N Datasheet(PDF) 10 Page - International Rectifier

No. de pieza IRF634N
Descripción Electrónicos  Power MOSFET(Vdss=250V, Rds(on)=0.435ohm, Id=8.0A)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF634N Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF634N Datasheet HTML 3Page - International Rectifier IRF634N Datasheet HTML 4Page - International Rectifier IRF634N Datasheet HTML 5Page - International Rectifier IRF634N Datasheet HTML 6Page - International Rectifier IRF634N Datasheet HTML 7Page - International Rectifier IRF634N Datasheet HTML 8Page - International Rectifier IRF634N Datasheet HTML 9Page - International Rectifier IRF634N Datasheet HTML 10Page - International Rectifier IRF634N Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRF634N/S/L
10
www.irf.com
TO-262 Part Marking Information
TO-262 Package Outline
EXAMPLE: T HIS IS AN IRL3103L
LOT CODE 1789
AS SEMBLY
PART NUMBER
DAT E CODE
WEEK 19
LINE C
LOT CODE
YEAR 7 = 1997
AS SEMBLED ON WW 19, 1997
IN T HE ASS EMBLY LINE "C"
LOGO
RECT IF IER
INT ERNAT IONAL


Número de pieza similar - IRF634N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
IRF634NL VISHAY-IRF634NL Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
logo
International Rectifier
IRF634NLPBF IRF-IRF634NLPBF Datasheet
222Kb / 11P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRF634NLPBF VISHAY-IRF634NLPBF Datasheet
162Kb / 8P
   Power MOSFET
Rev. A, 19-Jun-08
logo
International Rectifier
IRF634NPBF IRF-IRF634NPBF Datasheet
222Kb / 11P
   HEXFET Power MOSFET
More results

Descripción similar - IRF634N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF634 IRF-IRF634 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.45ohm, Id=8.1A)
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
IRFP264N IRF-IRFP264N Datasheet
222Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com