Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7456 Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF7456
Descripción Electrónicos  Power MOSFET(Vdss=20V, Rds(on)max=0.0065ohm, Id=16A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7456 Datasheet(HTML) 3 Page - International Rectifier

  IRF7456 Datasheet HTML 1Page - International Rectifier IRF7456 Datasheet HTML 2Page - International Rectifier IRF7456 Datasheet HTML 3Page - International Rectifier IRF7456 Datasheet HTML 4Page - International Rectifier IRF7456 Datasheet HTML 5Page - International Rectifier IRF7456 Datasheet HTML 6Page - International Rectifier IRF7456 Datasheet HTML 7Page - International Rectifier IRF7456 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7456
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
0.1
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.0V
2.7V
2.5V
2.25V
2.0V
V
, Drain-to-Source Voltage (V)
DS
2.0V
1
10
100
1000
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
15V
10V
4.5V
3.0V
2.7V
2.5V
2.25V
2.0V
V
, Drain-to-Source Voltage (V)
DS
2.0V
Fig 4. Normalized On-Resistance
Vs. Temperature
2.0
2.2
2.4
2.6
2.8
3.0
3.2
VGS, Gate-to-Source Voltage (V)
0.1
1.0
10.0
100.0
TJ = 25°C
TJ = 150°C
VDS = 15V
20µs PULSE WIDTH
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
16A


Número de pieza similar - IRF7456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Youtai Semico...
IRF7456 UMW-IRF7456 Datasheet
548Kb / 8P
   30V N-Channel MOSFET
logo
International Rectifier
IRF7456PBF IRF-IRF7456PBF Datasheet
174Kb / 8P
   SMPS MOSFET
IRF7456PBF IRF-IRF7456PBF Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF-1 IRF-IRF7456PBF-1 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7456PBF-1 IRF-IRF7456PBF-1_15 Datasheet
197Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Descripción similar - IRF7456

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRFB17N20D IRF-IRFB17N20D Datasheet
194Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.17ohm, Id=16A)
IRFR3704 IRF-IRFR3704 Datasheet
115Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)max=9.5mohm, Id=75A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF3706 IRF-IRF3706 Datasheet
145Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=8.5mohm, Id=77A)
IRFR3711 IRF-IRFR3711 Datasheet
239Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=6.5mohm, Id=110A??
IRFR3706 IRF-IRFR3706 Datasheet
133Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=75A??
IRF3704 IRF-IRF3704 Datasheet
125Kb / 10P
   Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A??
IRF3711 IRF-IRF3711 Datasheet
245Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=6.0mohm, Id=110A??
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com