Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7469 Datasheet(PDF) 3 Page - International Rectifier

No. de pieza IRF7469
Descripción Electrónicos  Power MOSFET(Vdss=40V, Id=9.0A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7469 Datasheet(HTML) 3 Page - International Rectifier

  IRF7469 Datasheet HTML 1Page - International Rectifier IRF7469 Datasheet HTML 2Page - International Rectifier IRF7469 Datasheet HTML 3Page - International Rectifier IRF7469 Datasheet HTML 4Page - International Rectifier IRF7469 Datasheet HTML 5Page - International Rectifier IRF7469 Datasheet HTML 6Page - International Rectifier IRF7469 Datasheet HTML 7Page - International Rectifier IRF7469 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7469
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 25 C
J
°
TOP
BOTTOM
VGS
10V
8.0V
7.0V
5.0V
4.5V
4.0V
3.7V
3.5V
V
, Drain-to-Source Voltage (V)
DS
3.5V
10
100
0.1
1
10
100
20µs PULSE WIDTH
T = 150 C
J
°
TOP
BOTTOM
VGS
10V
8.0V
7.0V
5.0V
4.5V
4.0V
3.7V
3.5V
V
, Drain-to-Source Voltage (V)
DS
3.5V
10
100
3.5
4.0
4.5
V
= 25V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°
Fig 4. Normalized On-Resistance
Vs. Temperature
-60 -40 -20
0
20
40
60
80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T , Junction Temperature ( C)
J
°
V
=
I =
GS
D
10V
9.0A


Número de pieza similar - IRF7469

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Youtai Semico...
IRF7469 UMW-IRF7469 Datasheet
311Kb / 8P
   N-Channel MOSFET
logo
International Rectifier
IRF7469PBF IRF-IRF7469PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRF7469PBF IRF-IRF7469PBF Datasheet
131Kb / 8P
   High Frequency Buck Converters for Computer Processor Power
IRF7469PBF-1 IRF-IRF7469PBF-1 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7469PBF-1 IRF-IRF7469PBF-1_15 Datasheet
210Kb / 8P
   Industry-standard pinout SO-8 Package
More results

Descripción similar - IRF7469

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
   Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF7468 IRF-IRF7468 Datasheet
232Kb / 8P
   Power MOSFET(Vdss=40V, Id=9.4A)
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRF630SPBF IRF-IRF630SPBF Datasheet
986Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
   HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com