Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7506 Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF7506
Descripción Electrónicos  Power MOSFET(Vdss=-30V, Rds(on)=0.27ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7506 Datasheet(HTML) 5 Page - International Rectifier

  IRF7506 Datasheet HTML 1Page - International Rectifier IRF7506 Datasheet HTML 2Page - International Rectifier IRF7506 Datasheet HTML 3Page - International Rectifier IRF7506 Datasheet HTML 4Page - International Rectifier IRF7506 Datasheet HTML 5Page - International Rectifier IRF7506 Datasheet HTML 6Page - International Rectifier IRF7506 Datasheet HTML 7Page - International Rectifier IRF7506 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF7506
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 10b. Switching Time Waveforms
Fig 10a. Switching Time Test Circuit
Fig 9a. Basic Gate Charge Waveform
Fig 9b. Gate Charge Test Circuit
VDS
-10V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
QG
QGS
QGD
VG
Charge
-10V
VDS
90%
10%
VGS
td(on)
tr
td(off)
tf
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient


Número de pieza similar - IRF7506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7506 IRF-IRF7506 Datasheet
210Kb / 8P
   HEXFET Power MOSFET (VDSS=-30V , RDS(on)=O.27ohm)
IRF7506PBF IRF-IRF7506PBF Datasheet
210Kb / 8P
   HEXFET Power MOSFET (VDSS=-30V , RDS(on)=O.27ohm)
IRF7506PBF IRF-IRF7506PBF Datasheet
215Kb / 8P
   ULTRA LOW ON RESISTANCE
IRF7506PBF IRF-IRF7506PBF_15 Datasheet
215Kb / 8P
   ULTRA LOW ON RESISTANCE
IRF7506TRPBF IRF-IRF7506TRPBF Datasheet
215Kb / 8P
   Generation V Technology
More results

Descripción similar - IRF7506

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRFP460LC IRF-IRFP460LC Datasheet
338Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460P IRF-IRFP460P Datasheet
174Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFD120 IRF-IRFD120 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=100V, Rds(on)=0.27ohm, Id=1.3A)
IRFP460 IRF-IRFP460 Datasheet
163Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.27ohm, Id=20A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
   Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com