Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMX1000LCD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza SMX1000LCD
Descripción Electrónicos  SmartPro LCD 230V 1kVA 500W Line-Interactive UPS, Tower with LCD display and USB port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMX1000LCD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMX1000LCD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMX1000LCD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMX1000LCD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMX1000LCD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMX1000LCD Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartPro LCD 230V 1kVA 500W Line-Interactive
UPS, Tower with LCD display and USB port
MODEL NUMBER: SMX1000LCD
Description
Tripp Lite's SMX1000LCD Line-Interactive Digital UPS System offers voltage regulation, surge suppression and long-lasting battery support for personal
computers, network workstations, home entertainment systems and media centers. Internal UPS circuits support entry-level PCs for up to 60 min. or individual
VCR/DVR component for as long as 3 hours during power failures. Prevents data loss, viewing interruptions, lost recordings and loss of component
programming. Automatic Voltage Regulation (AVR) circuits regulate brownouts as low as 171V back to usable levels without consuming battery power. Offers
complete power protection in an attractive black tower configuration. Includes 3 battery-supported outlets, plus 3 additional surge suppression-only outlets for
items not requiring battery support. USB port enables optional unattended system shutdown without data loss in case of extended power failure; USB cable
included. PowerAlert Software available via free download from www.tripplite.com. HID-compliant USB interface enables integration with built-in power
management and auto shutdown features of Windows and Mac OS X. Built-in single-line RJ-11 phone suppression jacks protect modem, satellite receiver or
other peripherals with a standard dialup/DSL phone connection. Built-in audible alarm and large LCD front panel voltage display indicate line power status,
battery power status, battery low/replace status and voltage boost operation. 1000VA/500W power-handling ability supports entry-level PCs, home
entertainment systems, network workstations, audio/video components. Offers 3 min. battery runtime with a full load of 1000VA/500W and 11 min. with a half
load of 500VA/250W.
Features
LCD Display indicates input voltage, battery capacity and a variety of operating conditions. Display is rotatable for easy viewing with UPS in either vertical
or horizontal position
SMX1000LCD Digital Uninterruptible Power Supply offers voltage regulation, surge suppression and long-lasting battery support during blackouts
Supports entry-level PCs up to 60 min. or single VCR/DVR components for up to 3 hours during blackouts
Regulates brownouts as low as 171V back to usable levels without consuming battery power
6 AC outlets: 3 UPS battery-supported/surge suppression, 3 surge suppression only
USB port and cable enable unattended shutdown in the case of extended power failure
HID-compliant USB port enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
PowerAlert Software available via free download from www.tripplite.com
Single-line phone suppression protects standard dialup/DSL phone connection
1000VA/500W power handling ability supports a variety of sensitive computer, home theater and other equipment
Highlights
1000VA / 1kVA tower 230V line
interactive UPS with LCD display
Corrects brownouts as low as
171V without using battery power
LCD screen reports input voltage,
battery charge and UPS status
USB port, TEL/DSL protection
C14 input and 6 C13 outlets
Package Includes
SMX1000LCD Digital UPS
System
1 USB cable, 1 phone (RJ11)
cable and 2 C13-to-C14 cables
Manual with warranty information
1 / 5


Número de pieza similar - SMX1000LCD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMX1000RT2U TRIPPLITE-SMX1000RT2U Datasheet
505Kb / 5P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, USB,DB9 Serial
SMX1000RT2UN TRIPPLITE-SMX1000RT2UN Datasheet
180Kb / 6P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, 2U, WEBCARDLX, LCD, USB, DB9, 6 Outlets
More results

Descripción similar - SMX1000LCD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMART1000LCD TRIPPLITE-SMART1000LCD_15 Datasheet
508Kb / 5P
   SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB, TEL-DSL-Coax Protection
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
   TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMX1500LCDT TRIPPLITE-SMX1500LCDT Datasheet
561Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, Tower, LCD display, USB, DB9 Serial
SMART1300LCDT TRIPPLITE-SMART1300LCDT Datasheet
549Kb / 5P
   SmartPro LCD 120V 1300VA 720W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
   SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMX1500LCD TRIPPLITE-SMX1500LCD Datasheet
486Kb / 5P
   SmartPro LCD 230V 1.5kVA 900W Line-Interactive UPS, 2U Rack-Tower, LCD display, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
   Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI1500LCDT ETC2-OMNI1500LCDT Datasheet
553Kb / 6P
   OmniSmart LCD 1500VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI900LCD ETC2-OMNI900LCD Datasheet
507Kb / 6P
   Omni LCD 900VA Tower Line-Interactive 120V UPS with LCD display and USB port
OMNI650LCD ETC2-OMNI650LCD Datasheet
506Kb / 6P
   Omni LCD 650VA Tower Line-Interactive 120V UPS with LCD display and USB port
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com