Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMX1200XLHG Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

No. de pieza SMX1200XLHG
Descripción Electrónicos  SmartPro 230V 1000VA 750W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TRIPPLITE [Tripp Lite. All Rights Reserved]
Página de inicio  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMX1200XLHG Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SMX1200XLHG Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMX1200XLHG Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMX1200XLHG Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMX1200XLHG Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SmartPro 230V 1000VA 750W CE/IEC 60601-1
Medical-Grade Line-Interactive UPS, Extended Run,
Tower, Full Isolation, USB, DB9 Serial
MODEL NUMBER: SMX1200XLHG
Description
Tripp Lite's SMX1200XLHG offers medical-grade UPS protection with built-in line-interactive voltage regulation,
expandable battery runtime and intelligent monitoring with unattended shutdown capability. Tested to CE/IEC
60601-1 standard as medical electrical equipment. Built-in isolation transformer with Faraday shield offers full
line isolation and removes common mode noise while maintaining full AC surge suppression in all modes.
Includes high quality hospital-grade plug and outlets. Resistant to electrostatic discharge. 1000VA power
handling capacity supports computers, inter-networking equipment and other critical loads during commercial
power failures. External battery connector allows configuration for up to several hours of runtime during power
failures by adding one or more external battery packs BP36V15-2U (limit 1), BP36V42-3U (multi-pack
compatible) and BP36V27-2US (multi-pack compatible). Line interactive voltage regulation corrects brownouts
as low as 155V and overvoltages as high as 274V back to normal 230V levels, saving battery reserves for use
only during complete power failures. Includes diagnostic LEDs and 2 built-in communications ports (1 USB, 1 DB9) that work with included PowerAlert
Software and cabling to provide automatic unattended shutdown of connected network and PC applications.
Features
Ideal UPS protection for applications in medical patient-care areas where CE/IEC 60601-1 listed medical electrical equipment is required
Built-in isolation transformer with Faraday shield offers full isolation and removes common mode noise while maintaining full AC surge suppression in all
modes
Provides connected equipment with continuous power during short and long duration loss of commercial power
Expandable runtime is available with the addition of one or more external battery packs BP36V15-2U (limit 1), BP36V42-3U (multi-pack compatible) and
BP36V27-2US (multi-pack compatible)
Line-interactive voltage regulation corrects brownouts and overvoltages from 155 to 274 volts back to usable 230V output levels, without using battery
power
Full line isolation prevents shock potential and operational problems in sensitive electronic equipment
Resistant to electrostatic discharge
Highlights
1000VA / 1kVA line interactive,
extended run tower UPS
Maintains 230V nominal output
over an input range of 155 to
274V
Professional features include
serial port, IEC320 plug & outlets,
built-in isolation transformer
Input: IEC C14 inlet (230V 5A) /
Output: 6 IEC C13 (230V)
Applications
CE/IEC 60601-1 compliant UPS
provides ultimate safety and reliability
for patient point of care solutions,
telemedicine, nurse's stations,
wireless communications systems,
electronic prescribing applications,
medical imaging and mission critical
equipment. Not recommended for life
support applications
Package Includes
SMX1200XLHG Medical Grade
Tower UPS System
PowerAlert Software and cabling
Warranty information
Instruction manual
1 / 4


Número de pieza similar - SMX1200XLHG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMX1200XLHGL TRIPPLITE-SMX1200XLHGL Datasheet
162Kb / 5P
   SmartPro Medical-Grade UPS, Line Interactive, Lithium Battery, 6 Outlets - 230V, 1kVA, 750W, Full Isolation
More results

Descripción similar - SMX1200XLHG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripp Lite. All Rights ...
SMX700HG TRIPPLITE-SMX700HG_15 Datasheet
495Kb / 4P
   SmartPro 230V 700VA 450W CE-IEC 60601-1 Medical-Grade Line-Interactive UPS, Tower, Full Isolation, USB, DB9 Serial
SMART1200XLHG TRIPPLITE-SMART1200XLHG_15 Datasheet
494Kb / 5P
   SmartPro 120V 1kVA 750W UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART700HG TRIPPLITE-SMART700HG_15 Datasheet
489Kb / 5P
   SmartPro 120V 700VA 450W UL60601-1 Medical-Grade Line-Interactive UPS, Extended Run,Tower, Full Isolation, USB, DB9 Serial
SMART2500XLHG TRIPPLITE-SMART2500XLHG Datasheet
539Kb / 5P
   SmartPro 120V 2.2kVA 1.92kW UL 60601-1 Medical-Grade Line-Interactive UPS, Extended Run,SNMP, Webcard, Full Isolation, USB, DB9 Serial
logo
List of Unclassifed Man...
SMX700HG ETC2-SMX700HG Datasheet
494Kb / 4P
   SmartPro Medical Grade .7kVA 230V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMARTINT3000VS TRIPPLITE-SMARTINT3000VS Datasheet
505Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive UPS,Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1200XLHG ETC2-SMART1200XLHG Datasheet
502Kb / 7P
   SmartPro Medical Grade 1kVA 120V Line interactive Tower UPS with Extended-run, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMART1500XL TRIPPLITE-SMART1500XL_15 Datasheet
502Kb / 5P
   SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Extended Run, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART700HG ETC2-SMART700HG Datasheet
492Kb / 6P
   SmartPro Medical Grade .7kVA 120V Line interactive Tower UPS, full isolation, USB & Serial ports
logo
Tripp Lite. All Rights ...
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
   SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com