Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7530 Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRF7530
Descripción Electrónicos  Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7530 Datasheet(HTML) 8 Page - International Rectifier

  IRF7530 Datasheet HTML 1Page - International Rectifier IRF7530 Datasheet HTML 2Page - International Rectifier IRF7530 Datasheet HTML 3Page - International Rectifier IRF7530 Datasheet HTML 4Page - International Rectifier IRF7530 Datasheet HTML 5Page - International Rectifier IRF7530 Datasheet HTML 6Page - International Rectifier IRF7530 Datasheet HTML 7Page - International Rectifier IRF7530 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRF7530
8
www.irf.com
Micro8
 Tape & Reel Information
Dimensions are shown in millimeters (inches)
330. 00
(1 2.99 2 )
MA X .
14.4 0 ( . 566 )
12.4 0 ( . 488 )
NO T ES :
1 . CO N T RO L L IN G DIM E NS IO N : M IL L IM E T E R .
2 . O U T L IN E C O NF O R M S T O EIA-4 8 1 & EIA-5 4 1 .
F E E D DIRE C T IO N
T E R M IN A L N U M B E R 1
1 2 .3 ( .4 84 )
1 1 .7 ( .4 61 )
8 .1 ( .3 18 )
7 .9 ( .3 12 )
N O T ES:
1 . O U TL IN E C O N F O R M S TO EIA-4 81 & EIA-54 1.
2. CO NTRO LL IN G DIM E N SIO N : M ILLIM E TE R.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 02/01
This product has been designed and qualified for the consumer market.
Qualification Standards can be found on IR’s Web site.


Número de pieza similar - IRF7530

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7530PBF IRF-IRF7530PBF Datasheet
147Kb / 8P
   HEXFET Power MOSFET
IRF7530PBF IRF-IRF7530PBF Datasheet
152Kb / 8P
   Trench Technology
IRF7530PBF IRF-IRF7530PBF Datasheet
152Kb / 8P
   Ultra Low On-Resistance
IRF7530PBF IRF-IRF7530PBF_15 Datasheet
152Kb / 8P
   Ultra Low On-Resistance
IRF7530TR IRF-IRF7530TR Datasheet
105Kb / 8P
   Trench Technology
More results

Descripción similar - IRF7530

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7607 IRF-IRF7607 Datasheet
77Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
   Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
   Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
   Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7301 IRF-IRF7301 Datasheet
113Kb / 9P
   Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com